Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC10120P Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SC10120P
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SC10120P Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SC10120P Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SC10120P Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SC10120P Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SC10120P Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SC10120P Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. SC10120P Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
SC10120P
Silicon Carbide Schottky Diode
Reverse Voltage - 1200 Volts
Forward Current - 10.0Amperes
FEATURES
S
E
M
I
C
O
N
D
U
C
T
O
R
JINAN JINGHENG ELECTRONICS
CO., LTD.
HTTP
://WWW.JINGHENG.CN
TYPICAL APPLICATIONS
6-1
SiC Schottky Diode has no switching loss,provides improved
system efficiency against Si diodes by utilizing new semiconductor
material-Silicon Carbide,enables higher operating frequency,
and helps increasing power density and reduction of system
size /cost.Its high reliability ensures robust operation during
surge or over_voltage conditions.
DESCRIPTION
Max Junction Temperature 175°C
High Surge Current Capacity
Positive Temperature Coefficient
Ease of Paralleling
No Reverse Recovery/No Forward Recovery
MECHANICAL DATA
Case: JEDEC TO-247AC/TO-247AC-N
Molding compound meets UL94V-0 flammability rating
Terminals: Lead solderable per J-STD-002 and JESD22-B102
Polarity: As marked
Mounting Torque: 10 in-Ibs maximum
General Purpose
SMPS, Solar inverter, UPS
Power Switching Circuits
TO-247AC
1
3
1
3
TO-247AC-N
Anode
1
3
2
Cathode
Base common cathode
Type
V
D C
I
F
Qc
T ,max
j
Package
SC10120P
1200V
10A
30nC
175℃
TO- 247AC
TO- 247AC- N
KEY PERFORMANCE AND PACKAGE PARAMETERS


Similar Part No. - SC10120P

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SC10120PT JINGHENG-SC10120PT Datasheet
741Kb / 5P
Silicon Carbide Schottky Diode
More results

Similar Description - SC10120P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com