Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1065M2 Datasheet(PDF) 4 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SC1065M2
Description  SILICON CARBIDE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SC1065M2 Datasheet(HTML) 4 Page - Jinan Jing Heng Electronics Co., Ltd.

  SC1065M2 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SC1065M2 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SC1065M2 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SC1065M2 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SC1065M2 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. SC1065M2 Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATINGS AND CHARACTERISTIC OF SC1065XX
JINAN JINGHENG ELECTRONICS
CO., LTD.
HTTP
://WWW.JINGHENG.CN
6-4
FIG.1-FORWARD CURRENT DERATING CURVE
REVERSE VOLTAGE. (V)
FIG.2-TYPICAL JUNCTION CAPACITANCE
10
0.1
1
10
1000
100
1000
5000
100
FIG.4-REVERSE CHARACTERISTICS
FIG.3-FORWARD CHARACTERISTICS
SC1065F
SC1065M2
0
25
50
75
100
125
150
0
10
20
30
40
CASE TEMPERATURE °C)
175
50
Sc1065
SC1065D2
1
2
3
4
5
6
7
8
9
10
0
500
1000
1500
2000
25℃
100℃
125℃
150℃
175℃
0
2
4
6
8
10
12
14
16
18
20
100
200
300
400
500
600
700
25℃
100℃
125℃
150℃
175℃
FORWARD VOLTAGE(mV)
REVERSE VOLTAGE. (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com