Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1003 Datasheet(PDF) 21 Page - ABLIC Inc.

Part # S-1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1003 Datasheet(HTML) 21 Page - ABLIC Inc.

Back Button S-1003 Datasheet HTML 17Page - ABLIC Inc. S-1003 Datasheet HTML 18Page - ABLIC Inc. S-1003 Datasheet HTML 19Page - ABLIC Inc. S-1003 Datasheet HTML 20Page - ABLIC Inc. S-1003 Datasheet HTML 21Page - ABLIC Inc. S-1003 Datasheet HTML 22Page - ABLIC Inc. S-1003 Datasheet HTML 23Page - ABLIC Inc. S-1003 Datasheet HTML 24Page - ABLIC Inc. S-1003 Datasheet HTML 25Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
S-1003 Series
21
4. Other characteristics
4. 1 Temperature characteristics of detection voltage
The shaded area in Figure 26 shows the temperature characteristics of detection voltage in the operation
temperature range.
40
25
0.945 mV/°C
VDET [V]
85
Ta [°C]
0.945 mV/°C
VDET25*1
*1.
VDET25 is an actual detection voltage value at Ta = 25°C.
Figure 26 Temperature Characteristics of Detection Voltage (Example for
VDET = 2.7 V)
4. 2 Temperature characteristics of release voltage
The temperature change
  VDET
Ta
of the release voltage is calculated by using the temperature change
  VDET
Ta
of the detection voltage as follows:
  VDET
Ta
=
VDET
VDET
  VDET
Ta
The temperature change of the release voltage and the detection voltage has the same sign consequently.
4. 3 Temperature characteristics of hysteresis voltage
The temperature change of the hysteresis voltage is expressed as
  VDET
Ta
  VDET
Ta
and is calculated as
follows:
  VDET
Ta
  VDET
Ta
=
VHYS
VDET
  VDET
Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com