Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1605 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1605
Description  PWM/PFM Dual-mode Step-Down Switching Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1605 Datasheet(HTML) 1 Page - Anachip Corp

  AP1605 Datasheet HTML 1Page - Anachip Corp AP1605 Datasheet HTML 2Page - Anachip Corp AP1605 Datasheet HTML 3Page - Anachip Corp AP1605 Datasheet HTML 4Page - Anachip Corp AP1605 Datasheet HTML 5Page - Anachip Corp AP1605 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP1605
PWM/PFM Dual-mode Step-Down Switching Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Jan 18, 2005
1/6
Features
- Low current consumption:
In operation: 100µA max.
Power off: 2µA max.
- Input voltage: 2.5V to 7V.
Adjustable version (+2.5%)
- PWM/PFM dual Mode
- Oscillation frequency: 300KHz (Typ.)
- With a power-off function.
- Built-in internal SW P-channel MOS
- SOP-8L/TSSOP-8L Package.
Applications
- On-board power supplies of battery devices for
portable telephones, electronic notebooks, PDA,
and other hand-held sets.
- Power supplies for audio equipment, including
portable CD players and headphone stereo
equipment.
- Fixed voltage power supply for cameras, video
equipment and communications equipment.
- Power supplies for microcomputers.
- Conversion from four Ni-H or Ni-Cd cells or two
lithium-ion cells to 3.3V/3V.
- Conversion of AC adapter input to 5V/3V.
General Description
AP1605 consists of CMOS step-down switching
regulator with PWM/PFM dual mode control. These
devices include a reference voltage source, oscillation
circuit, error amplifier, internal PMOS and etc.
AP1605 provides low-ripple power, high efficiency,
and
excellent
transient
characteristics.
The
PWM/PFM control circuit is able to very the duty ratio
linearly 0%~0.25% (PFM) and 25%~100% (PWM).
With the addition of an internal P-channel Power MOS,
a coil, capacitors, and a diode connected externally,
these ICs can function as step-down switching
regulators. They serve as ideal power supply units for
portable devices when coupled with the SOP–8L
mini-package, providing such outstanding features as
low current consumption. Since this converter can
accommodate an input voltage of up to 7V, it is also
ideal when operating via an AC adapter.
Pin Assignments
1
2
3
4
8
7
6
5
FB
SW
Vcc
AP1605
SW
Vss
Vss
PVcc
CE
SOP-8L
1
3
2
4
8
6
7
5
Vss
CE
CE
FB
SW
PVcc
PVcc
Vcc
AP1605
TSSOP-8L
Pin Descriptions
Pin No.
Pin
Name SOP TSSOP
Description
FB
1
4
Feedback pin
CE
2
2、3
Chip Enable:
H: Enable
L: Disable
Vcc
3
5
IC signal power supply pin,
add a 10Ω resistor to PVcc
and a 0.1µF capacitor to
GND.
PVcc
4
6、7
IC power supply pin
SW
5、6
8
Switch Pin. Connect external
inductor/diode here.
Minimize trace area at this
pin to reduce EMI.
Vss
7、8
1
GND Pin


Similar Part No. - AP1605

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1605 DIODES-AP1605 Datasheet
158Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
AP1605 DIODES-AP1605 Datasheet
147Kb / 8P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
AP1605 DIODES-AP1605 Datasheet
312Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Rev 3
AP1605S DIODES-AP1605S Datasheet
158Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
AP1605SG-13 DIODES-AP1605SG-13 Datasheet
158Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
More results

Similar Description - AP1605

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1605 DIODES-AP1605 Datasheet
158Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1605 DIODES-AP1605_09 Datasheet
147Kb / 8P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Rev 3
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com