Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1605TS Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1605TS
Description  PWM/PFM Dual-mode Step-Down Switching Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1605TS Datasheet(HTML) 2 Page - Anachip Corp

  AP1605TS Datasheet HTML 1Page - Anachip Corp AP1605TS Datasheet HTML 2Page - Anachip Corp AP1605TS Datasheet HTML 3Page - Anachip Corp AP1605TS Datasheet HTML 4Page - Anachip Corp AP1605TS Datasheet HTML 5Page - Anachip Corp AP1605TS Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP1605
PWM/PFM Dual-mode Step-Down Switching Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Jan 18, 2005
2/6
Ordering Information
AP 1605 X X X
Package
Packing
S: SOP-8L
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
TS: TSSOP-8L
Block Diagram
Oscillation
Circuit
Reference Voltage
Source
PWM /PFM -Switched
Control Circuit
+
-
AP1605
VSS
FB
PVCC
SW
VCC
CE
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
*1
VCC Pin Voltage
VSS - 0.3 to VSS + 8
V
PVCC
PVCC Pin Voltage
VSS - 0.3 to VSS + 8
V
FB
FB Pin Voltage
VSS - 0.3 to VSS + 8
V
VCE
ON/OFF Pin Voltage
VSS - 0.3 to VSS + 8
V
VSW
Switch Pin Voltage
VSS - 0.3 to VIN + 0.3
V
SOP-8L
1200
PD
Power Dissipation
TSSOP-8L
700
mW
TOPR
Operating Temperature Range
-20 to +85
oC
TSTG
Storage Temperature Range
-20 to +125
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com