Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8564AS14 Datasheet(PDF) 5 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8564AS14
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8564AS14 Datasheet(HTML) 5 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8564AS14 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564AS14 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
www.corebai.com
CBM8561-CBM8562-CBM8564
OPERATION INSTRUCTION
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
Output Voltage Low
VOL
Short-Circuit Current
ISC
RL=100 KΩ to GND
RL=10 KΩ to GND
RL=100 KΩ to V+
RL=10 KΩ to V+
4.99
4.95
4.998
4.98
1
10
65
10
30
V
V
mV
mV
mA
POWER SUOOLY
Operating Voltage Range
Quiescent Current
IQ
2.9
1.3
5.5
1.55
V
mA
SHUTDOWN
tOFF
tON
VL (shutdown)
VH (amplifier is active)
Input Bias Current of Enable Pin
IQSD
0
0.75(V+)
2
150
50
1
+0.8
V+
5
μs
us
V
V
pA
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com