Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBMLM358 Datasheet(PDF) 7 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBMLM358
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMLM358 Datasheet(HTML) 7 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBMLM358 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
www.corebai.com
CBMLM321-CBMLM358-CBMLM324
OPERATION INSTRUCTION
APPLICATION NOTES
Size
CBMLM358 family series op amps are unity-gain stable and suitable for a wide range of
general-purpose applications. The small footprints of the CBMLM358 family packages save space
on printed circuit boards and enable the design of smaller electronic products.
Power Supply Bypassing and Board Layout
CBMLM358 family series operates from a single 3V to 24V supply or dual ±1.5V to ±12V
supplies. For best performance, a 0.1µF ceramic capacitor should be placed close to the VDD pin
in single supply operation. For dual supply operation, both VDD and VSS supplies should be
bypassed to ground with separate 0.1µF ceramic capacitors.
Low Supply Current
The low supply current (typical 250uA per channel) of CBMLM358 family will help to
maximize battery life.
Operating Voltage
CBMLM358 family operates under wide input supply voltage (3V to 24V). In addition, all
temperature specifications apply from -25 ℃ to +80℃. Most behavior remains unchanged
throughout the full operating voltage range. These guarantees ensure
operation throughout the single Li-Ion battery lifetime
Capacitive Load Tolerance
The CBMLM358 family is optimized for bandwidth and speed, not for driving capacitive
loads. Output capacitance will create a pole in the amplifier’s feedback path, leading to
excessive peaking and potential oscillation. If dealing with load capacitance is a requirement of
the application, the two strategies to consider are (1) using a small resistor in series with the
amplifier’s output and the load capacitance and (2) reducing the bandwidth of the amplifier’s
feedback loop by increasing the overall noise gain. Figure 2. shows a unity gain follower using
the series resistor strategy. The resistor isolates the output from the capacitance and, more
importantly, creates a zero in the feedback path that compensates for the pole created by the
output capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com