Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBMLM358AS8 Datasheet(PDF) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBMLM358AS8
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMLM358AS8 Datasheet(HTML) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBMLM358AS8 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AS8 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.corebai.com
CBMLM321-CBMLM358-CBMLM324
OPERATION INSTRUCTION
FEATURES
Single-Supply Operation from +3V ~
+24V
Dual-Supply Operation from 1.5V ~ 12V
Gain-Bandwidth Product: 1MHz (Typ.)
Low Input Bias Current: 45nA ±(Typ.)
Low Offset Voltage: 5mV (Max.)
Quiescent Current: 250µA per Amplifier
(Typ.)
Operating Temperature: -25°C ~ +80°C
Small Package:
CBMLM321 Available in SOT23-5 SC70-5
Packages
CBMLM358 Available in SOP-8 and
MSOP-8 Packages
CBMLM324 Available in SOP-14 Package
APPLICATIONS
Walkie-Talkie
Battery Management Solution
Transducer Amplifiers
Summing Amplifiers
Multivibrators
Oscillators
Portable Systems
DESCRIPTION
The CBMLM358 family have a high
gain-bandwidth product of 1MHz, a slew rate
of 0.4V/μs, and a quiescent current of
250μA/amplifier at 5V. The CBMLM358 family
is designed to provide optimal performance
in low voltage and low noise systems.
The maximum input offset voltage is 5mV
for CBMLM358 family. The operating range
iμs from 3V to 24V. The CBMLM321 single is
availμable in Green SOT-23-5 packages. The
CBMLM358 Dual is available in Green SOP-8
and MSOP-8 packages. The CBMLM324 Quad
is available in Green SOP-14 package.


Similar Part No. - CBMLM358AS8

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
CBM-120 LUMINUS-CBM-120 Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
2020
CBM-120-FR LUMINUS-CBM-120-FR Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
CBM-120-FR LUMINUS-CBM-120-FR Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
2020
CBM-120-FR-C15-FF LUMINUS-CBM-120-FR-C15-FF Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
2020
CBM-120-UV LUMINUS-CBM-120-UV Datasheet
3Mb / 14P
Ultraviolet Chip On Board LEDs
2022
More results

Similar Description - CBMLM358AS8

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3232AS COREBAI-CBM3232AS Datasheet
986Kb / 13P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8538 COREBAI-CBM8538 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8551 COREBAI-CBM8551 Datasheet
1Mb / 16P
OPERATION INSTRUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com