Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPVL5 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMBPVL5
Description  PVL Parts Verification Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPVL5 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMBPVL5 Datasheet HTML 1Page - Banner Engineering Corp. SMBPVL5 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Banner Engineering Corp.
9714 Tenth Avenue North • Minneapolis, Minnesota 55441 • (763) 544-3164 • Fax: (763) 544-3213
Toll-free: 888-373-6767 • www.bannerengineering.com • Email: sensors@bannerengineering.com
www.bannerengineering.com
P/N 163983
4-Pin M12/Euro-Style
Models
Length Straight
Right-Angle
1.83 m
MQDC-406
MQDC-406RA
4.57 m
MQDC-415
MQDC-415RA
9.14 m
MQDC-430
MQDC-430RA
Quick-Disconnect (QD)Cordsets
Models
Length
Output
Connection
PVL225P
225 mm
PNP
2 m Integral Cable
PVL225N
NPN
PVL225PQ
PNP
2 m Euro Pigtail QD
PVL225NQ
NPN
PVL Parts Verification Array
for technical information
Reflector Tape
Model
BRT-THG-1-100
• Replacement retroflective tape
• 25 mm wide
• 2.5 m long
Dimensions
Hookups
Mounting Options
311.5 mm
32.9 mm
37.3 mm
327.5 mm
SMBPVL4
SMBPVL3
Outside Tubing
Mount
SMBPVL3
Outside Flush
Mount
Clean Cable
Mount
Inside Tubing
Mount
SMBPVL5
Inside Bin
Mount
SMBPVL1
–
Includes pin for
additional stabilization
12-30V dc
Job Light
Enable < 1.0V dc
–
+
1
3
2
4
Load
NPN
12-30V dc
Job Light
Enable > 7.0V dc
–
+
1
3
2
4
Load
PNP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com