Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL10 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SL10
Description  SL10 Series Slot Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SL10 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SL10 Datasheet HTML 1Page - Banner Engineering Corp. SL10 Datasheet HTML 2Page - Banner Engineering Corp. SL10 Datasheet HTML 3Page - Banner Engineering Corp. SL10 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gear Tooth Detection
Edge Detection
Register Mark Detection on Clear Film
Packaging Film
Register Marks
Figure 2. Typical Applications
LED Indicators
The Slot Sensor features two LED Indicators: Power (green) and Signal (amber). They indicate the following:
Green ON: Power ON
Amber ON: Sensor sees light
Amber flashing: Excess gain is marginal (1 to 1.5×) in light condition
Select Light Operate/Dark Operate
Connect the gray wire to +V (10 V dc to 30 V dc) for Dark Operate; and to dc common (or open) for Light Operate. See wiring diagrams.
Wiring Diagrams
3
1
2
4
5*
10-30V dc
L
L
+
–
Wiring Key
1. Brown
2. White
3. Blue
4. Black
5. Gray*
*For Dark operate, connect gray wire to + (brown). For Light operate, connect gray wire to - (blue).
Note: Quick disconnect (QD) wiring diagrams are functionally identical.
Adjust the Sensitivity
Adjust the sensitivity by turning the 4-turn clutched Sensitivity potentiometer with a small slotted screwdriver.
1. Apply power to the sensor.
2. Turn the potentiometer fully counter-clockwise, 4 full turns or more to set the sensor to the minimum sensitivity.
3. Present the Light condition.
If the amber Signal Condition indicator is ON, that is the Light condition sensitivity position. If not, proceed to the next step.
4. Turn the potentiometer clockwise, just until the amber Signal Condition indicator turns ON and note the position of the potentiometer.
5. Present the Dark condition.
6. Turn the potentiometer clockwise, just until the amber Signal Condition indicator turns ON, and note the position of the potentiometer.
7. For maximum reliability, the difference between these two positions should be at least one full turn. Set the sensitivity midway between the
two positions for best sensing results.
If the object to be sensed is very thin and non-metallic, the sensor may emit too much light energy for the object to completely block the beam. To
test this, place the object in the sensing position, and decrease the sensitivity until the amber LED goes OFF. Remove the object; verify that the
indicator comes ON solidly. If this does not occur, investigate other sensing alternatives.
SL10 Series Slot Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 58341 Rev. D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com