Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3311 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3311
Description  Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3311 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3311 Datasheet HTML 1Page - National Semiconductor (TI) LM3311 Datasheet HTML 2Page - National Semiconductor (TI) LM3311 Datasheet HTML 3Page - National Semiconductor (TI) LM3311 Datasheet HTML 4Page - National Semiconductor (TI) LM3311 Datasheet HTML 5Page - National Semiconductor (TI) LM3311 Datasheet HTML 6Page - National Semiconductor (TI) LM3311 Datasheet HTML 7Page - National Semiconductor (TI) LM3311 Datasheet HTML 8Page - National Semiconductor (TI) LM3311 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Connection Diagram
20126304
LLP-24 (Top View)
θ
JA=37˚C/W
Ordering Information
Order Number
Spec.
Package
Type
NSC Package Drawing
Supplied As
LM3311SQ
LLP-24
SQA24A
1000 units/reel
tape and reel
LM3311SQX
LLP-24
SQA24A
4500 units/reel
tape and reel
LM3311SQ
NOPB
LLP-24
SQA24A
1000 units/reel
tape and reel
LM3311SQX
NOPB
LLP-24
SQA24A
4500 units/reel
tape and reel
Pin Descriptions
Pin
Name
Function
1
NC
Not internally connected.
2
VGHM
Output of GPM circuit. This output directly drives the supply for the gate driver circuits.
3
VFLK
Determines when the TFT LCD is on or off. This is controlled by the timing controller in
the LCD module.
4
VDPM
VDPM pin is the enable signal for the GPM block. Pulling this pin high enables the GPM
while pulling this pin low disables it. VDPM is used for timing sequence control.
5V
DD
Reference input for gate pulse modulation (GPM) circuit. The voltage at V
DD is used to set
the lower VGHM voltage.
6AV
IN
Op-Amp analog power input.
7
OUT
Output of the Op-Amp.
8
NEG
Negative input terminal of the Op-Amp.
9
POS
Positive input terminal of the Op-Amp.
10
AGND
Analog ground for the step-up regulator, LDO, and Op-Amp. Connect directly to DAP and
PGND beneath the device.
11
ADJ
LDO output voltage feedback input.
12
V
OUT
LDO regulator output.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com