Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 88Page - STMicroelectronics STR720 Datasheet HTML 89Page - STMicroelectronics STR720 Datasheet HTML 90Page - STMicroelectronics STR720 Datasheet HTML 91Page - STMicroelectronics STR720 Datasheet HTML 92Page - STMicroelectronics STR720 Datasheet HTML 93Page - STMicroelectronics STR720 Datasheet HTML 94Page - STMicroelectronics STR720 Datasheet HTML 95Page - STMicroelectronics STR720 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
92/401
Current Source address high X (DMASoCurrHiX) (X=2,3)
Address Offset: 98h - D8h
Reset value: 0000h
DMASoCurrHiX holds the current value of the high source address pointer related to stream
X. This register is read only.
Bit 15:0 = DMASoCurrHiX[15:0]
Current Source address low X (DMASoCurrLoX) (X=2,3)
Address Offset: 9Ch - DCh
Reset value: 0000h
DMASoCurrLoX register holds the current value of the low source address pointer related to
stream X. This register is read only.
Bit 15:0 = DMASoCurrLoX[15:0]
The value in the registers (DMASoCurrLo and DMASoCurrHi) is used as an AHB address in a
source to DMA data transfer over the AHB bus. If the SoInc bit in the Control Register is set to
‘1’, the value in the Current Source Registers will be incremented as data are transferred from
a source to the DMA. The value will be incremented at the end of the address phase of the
AHB bus transfer by the transferred size value. If SoInc bit is ‘0’, the Current Source Register
will hold a same value during the whole DMA data transfer.
15
14
13
12
11
10
9
8
765432
1
0
DMASoCurrHiX
r
15
14
13
12
11
10
9
8
765432
1
0
DMASoCurrLoX
r
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com