Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 139 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 135Page - STMicroelectronics STR720 Datasheet HTML 136Page - STMicroelectronics STR720 Datasheet HTML 137Page - STMicroelectronics STR720 Datasheet HTML 138Page - STMicroelectronics STR720 Datasheet HTML 139Page - STMicroelectronics STR720 Datasheet HTML 140Page - STMicroelectronics STR720 Datasheet HTML 141Page - STMicroelectronics STR720 Datasheet HTML 142Page - STMicroelectronics STR720 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 401 page
background image
STR720 - RESET AND CLOCK CONTROL UNIT (RCCU)
139/401
13.3 Functional Description
The Reset and Clock Control Unit fully manages all the aspects related to reset assertion,
reset release, clock generation and configuration.
TheAPB clock domain is fully asynchronous with respect to the other clock domains. There is
a fixed timing relationship between AHB clock domain and ATAPI clock domain (ATAPI clock is
aligned on AHB falling edge) thus simplifying the logic interface between these 2 domains.
13.3.1
Reset Management
The Reset Manager generates a reset when one of the following events occurs:
A Hardware reset, initiated by a low level on the Reset pin
A Software reset, forced setting a control bit inside the RCCU
A Watchdog reset
HW reset and Watchdog reset are asynchronous: as soon as one of these Reset inputs is
driven low, a Reset cycle is initiated (see Figure 16 on page 139). When the Reset input goes
high again or a Software reset is asserted, 768 CLK plus 8 AHB_CLK cycles are counted
before exiting the reset state. (this signal is not used in STR720 device)
Figure 16. Reset timing
RESET
AHB_CLK
...
768 CYCLES
8 CYCLES
APB_CLK
ATAPI_CLK
RESET internal
CLK
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com