Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 145 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 141Page - STMicroelectronics STR720 Datasheet HTML 142Page - STMicroelectronics STR720 Datasheet HTML 143Page - STMicroelectronics STR720 Datasheet HTML 144Page - STMicroelectronics STR720 Datasheet HTML 145Page - STMicroelectronics STR720 Datasheet HTML 146Page - STMicroelectronics STR720 Datasheet HTML 147Page - STMicroelectronics STR720 Datasheet HTML 148Page - STMicroelectronics STR720 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 401 page
background image
STR720 - RESET AND CLOCK CONTROL UNIT (RCCU)
145/401
DIViders CONFiguration register (DIVCONF)
Address Offset: 04h
Reset value: 001Fh
This register is write protected and can be unlocked using REG_PROT bit in SYSPROT
register.
Bit 15:5 = Reserved. Give ‘0’ when read and must be written to ‘0’.
Bit 4:3 = Reserved.
Bit 2 = ATAPI_SEL: ATAPI clock select
0: select AHB_CLK/2 as ATAPI clock
1: select AHB_CLK/3 as ATAPI clock
Bit 1:0 = APB_DIV[1:0]: APB output clock divider factor.
This bit field configures the A-APB clock generation. Refer to Table 38 for A-APB divider
settings.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
Reserved
ATAPI_
SEL
APB_DIV[1:0]
-rw
rw
rw
rw
rw
Table 38. APB divider settings
APB_DIV1
APB_DIV0
APB_CK
0
0
AHB_CLK/2
0
1
AHB_CLK/4
1
0
AHB_CLK/8
1
1
AHB_CLK/16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com