Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 162 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 158Page - STMicroelectronics STR720 Datasheet HTML 159Page - STMicroelectronics STR720 Datasheet HTML 160Page - STMicroelectronics STR720 Datasheet HTML 161Page - STMicroelectronics STR720 Datasheet HTML 162Page - STMicroelectronics STR720 Datasheet HTML 163Page - STMicroelectronics STR720 Datasheet HTML 164Page - STMicroelectronics STR720 Datasheet HTML 165Page - STMicroelectronics STR720 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 401 page
background image
STR720 - ASYNCHRONOUS AHB-APB BRIDGE (A3BRG)
162/401
the Peripheral Address Error Register. This should allow the user to retrieve the event which
generated the error.
15.3.1
Peripherals clock gating
The AHB/APB bridge enables to configure the peripherals’ clocks to be switched-on/off. The
32-bits Peripheral Clock Gating registers (PCGn) enables to switch-off/on any of the 13
peripherals directly. This enables to centralize the management of all the clock on this APB
bus.
When a peripheral’s clock is switched-off, any access to this peripheral will return an error on
the AHB bus. The Bus Status Register will contain the error status, the Peripheral Address
Error Register will provide the address who generated the error.
In order to help debugging real-time application, register EMU_PCGn has been introduced.
The status of this register is used to force the gating of the corresponding clock line when the
system enter into debug mode, based upon the following definition:
0 -> Peripheral clock switched off in debug mode.
1 -> Peripheral clock status depends on PCGn bit also in debug mode.
15.3.2
Peripherals reset control
The AHB/APB bridge has a unique reset pin that enables resetting the AHB/APB bridge as
well as all peripherals. As the reset removal is aligned with AHB clock, the AHB/APB bridge
provides a re-synchronization mechanism to generate the peripherals reset. The reset is
asserted asynchronously and then released synchronously with the APB clock.
Moreover, the AHB/APB bridge enables to configure the peripherals’ reset in order to reset
independently any of the peripherals. The 32-bits Peripheral Reset Control registers (PRCn)
enables to reset any of the 13 peripherals directly. This allows to centralize the management
of all the reset on this APB bus.
When a peripheral is under reset, any access to this peripheral will return an error on the AHB
bus. The Bus Status Register will contain the error status, the Peripheral Address Error
Register will provide the address which generated the error.
15.4 Register description
The AHB/APB bridge provides a set of registers to configure peripherals clock gating, access
control and monitor the AHB/APB bridge status. These registers are mapped as peripheral #0
in the AHB/APB bridge mapping.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com