Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 262 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 262 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 258Page - STMicroelectronics STR720 Datasheet HTML 259Page - STMicroelectronics STR720 Datasheet HTML 260Page - STMicroelectronics STR720 Datasheet HTML 261Page - STMicroelectronics STR720 Datasheet HTML 262Page - STMicroelectronics STR720 Datasheet HTML 263Page - STMicroelectronics STR720 Datasheet HTML 264Page - STMicroelectronics STR720 Datasheet HTML 265Page - STMicroelectronics STR720 Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
262/401
84h
CAN_IF2_CMR
Reserved
88h
CAN_IF2_M1R
Msk15-0
8Ch
CAN_IF2_M2R
MXtd
MDir
res
Msk28-16
90h
CAN_IF2_A1R
ID15-0
94h
CAN_IF2_A2R
Msg
Val
Xtd
Dir
ID28-16
98h
CAN_IF2_MCR
Reserved
DLC3-0
9Ch
CAN_IF2_DA1R
Data(1)
Data(0)
A0h
CAN_IF2_DA2R
Data(3)
Data(2)
A4h
CAN_IF2_DB1R
Data(5)
Data(4)
A8h
CAN_IF2_DB2R
Data(7)
Data(6)
100h
CAN_TxR1R
TxRqst16-1
104h
CAN_TxR2R
TxRqst32-17
120h
CAN_ND1R
NewDat16-1
124h
CAN_ND2R
NewDat32-17
140h
CAN_IP1R
IntPnd16-1
144h
CAN_IP2R
IntPnd32-17
160h
CAN_MV1R
MsgVal16-1
164h
CAN_MV2R
MsgVal32-17
Table 57. CAN Register Map
Addr
offset
Register Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com