Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 289 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 289 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 285Page - STMicroelectronics STR720 Datasheet HTML 286Page - STMicroelectronics STR720 Datasheet HTML 287Page - STMicroelectronics STR720 Datasheet HTML 288Page - STMicroelectronics STR720 Datasheet HTML 289Page - STMicroelectronics STR720 Datasheet HTML 290Page - STMicroelectronics STR720 Datasheet HTML 291Page - STMicroelectronics STR720 Datasheet HTML 292Page - STMicroelectronics STR720 Datasheet HTML 293Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
289/401
USB Device Address (USB_DADDR)
Address Offset: 4Ch
Reset Value: 0000 0000 0000 0000 (0000h)
This register is also reset when a USB reset is received from the USB bus or forced through
bit FRES in the USB_CNTR register.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EF
ADD[6:0]
-
rw
rw
Bits 15:8
Reserved
These are reserved bits. These bits are always read as ‘0’ and must
always be written with ‘0’.
Bit 7
EF: Enable Function
This bit is set by the software to enable the USB device. The address of
this device is contained in the following ADD[6:0] bits. If this bit is at ‘0’ no
transactions are handled, irrespective of the settings of USB_EPnR
registers.
Bits 6:0
ADD[6:0]: Device Address
These bits contain the USB function address assigned by the host PC
during the enumeration process. Both this field and the Endpoint Address
(EA) field in the associated USB_EPnR register must match with the
information contained in a USB token in order to handle a transaction to
the required endpoint.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com