Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 300 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 300 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 296Page - STMicroelectronics STR720 Datasheet HTML 297Page - STMicroelectronics STR720 Datasheet HTML 298Page - STMicroelectronics STR720 Datasheet HTML 299Page - STMicroelectronics STR720 Datasheet HTML 300Page - STMicroelectronics STR720 Datasheet HTML 301Page - STMicroelectronics STR720 Datasheet HTML 302Page - STMicroelectronics STR720 Datasheet HTML 303Page - STMicroelectronics STR720 Datasheet HTML 304Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
300/401
Reception Byte Count n (USB_COUNTn_RX)
This table location is used to store two different values, both required during packet reception.
The most significant bits contains the definition of allocated buffer size, to allow buffer overflow
detection, while the least significant part of this location is written back by the USB Peripheral
at the end of reception to give the actual number of received bytes. Due to the restrictions on
the number of available bits, buffer size is represented using the number of allocated memory
blocks, where block size can be selected to choose the trade-off between fine-granularity/
small-buffer and coarse-granularity/large-buffer. The size of allocated buffer is a part of the
endpoint descriptor and it is normally defined during the enumeration process according to its
maxPacketSize parameter value (See “Universal Serial Bus Specification”).
Address Offset: [USB_BTABLE] + n*16 + 12
USB local Address: [USB_BTABLE] + n*8 + 6
15
14
13
12
11
10
987654321
0
NUM_BLOCK[4:0]
COUNTn_RX[9:0]
rw
rw
r
Bit 15
BL_SIZE: BLock SIZE.
This bit selects the size of memory block used to define the allocated buffer
area.
If BL_SIZE=0, the memory block is 2 byte large, which is the minimum
block allowed in a word-wide memory. With this block size the allocated
buffer size ranges from 2 to 62 bytes.
If BL_SIZE=1, the memory block is 32 byte large, which allows to reach
the maximum packet length defined by USB specifications. With this
block size the allocated buffer size ranges from 32 to 1024 bytes, which
is the longest packet size allowed by USB standard specifications.
Bits 14:10
NUM_BLOCK[4:0]: Number of blocks.
These bits define the number of memory blocks allocated to this packet
buffer. The actual amount of allocated memory depends on the BL_SIZE
value as illustrated in Table 66.
Bits 9:0
COUNTn_RX[9:0]. These bits contain the number of bytes received by the
endpoint associated with the USB_EPnR register during the last OUT/
SETUP transaction addressed to it.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com