Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 339 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 339 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 335Page - STMicroelectronics STR720 Datasheet HTML 336Page - STMicroelectronics STR720 Datasheet HTML 337Page - STMicroelectronics STR720 Datasheet HTML 338Page - STMicroelectronics STR720 Datasheet HTML 339Page - STMicroelectronics STR720 Datasheet HTML 340Page - STMicroelectronics STR720 Datasheet HTML 341Page - STMicroelectronics STR720 Datasheet HTML 342Page - STMicroelectronics STR720 Datasheet HTML 343Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 401 page
background image
STR720 - S-D ANALOG/DIGITAL CONVERTER (ADC)
339/401
22.3.11 Power Saving Features
The analog circuitry of the ADC block is switched off when bit “ADC_OFF” in the AGCR
register is reset (see Section 24.2: A-GCR Block description on page 351), allowing the
power consumption via AVDD / AVSS pins to be minimized (< 1 µA). Due to the fact that the
analog section of ADC is used also to generate reference currents for the proper operation of
clock input pads, it is recommended to disable the ADC by software only after having switched
to a low power mode that is not using clock input pads, as SLOW or STOP mode (see Section
25: POWER REDUCTION MODES on page 364).
The digital section of ADC block can be stopped by using the ordinary clock gating features,
provided on the device.
Note that on power-up, or after switching on “ADC_OFF” bit, the common-mode feedback
circuit can take about 30 oversampling clock cycles to drive the common-mode voltage to its
correct value. For this reason, the first sample should be discarded after activating ADC block.
22.4 Register description
ADC Control/Status Register (ADCCSR)
Address Offset: 20h
Reset Value: 0000h
This register controls the operating mode of the ADC, sets the interrupt enables, contains
status flags for the availability of data and error flags in the event of data being overwritten
before being read.
Bit 15 = Reserved. This bit should be written as ‘0’ and will be read always at ‘0’.
Bit 14 = DEC: DECimation factor
This bit selects the decimation mode between normal mode and low-rate mode, where same
prescaler value can be used to reach very low sampling rates.
0: Normal mode, decimation by 512.
1: Low-rate mode decimation by 5120.
Bit 13 = OR: OverRun
This read-clear bit is used to notify application software that data on one of the channels has
been overwritten before being read.
0: Normal operation. No overrun has occurred.
1: Overrun event occurred. This bit is set by hardware as soon as an overrun condition is
detected and must be cleared by software by explicitly writing it to “0”. Writing “1” into this bit
has no effect.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Res.
DEC
OR
Res
IE[3:0]
Res.
AXT
A[1:0]
DA[3:0]
-
w
rc
-
rw
-
rw
rw
rc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com