Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 364 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 364 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 360Page - STMicroelectronics STR720 Datasheet HTML 361Page - STMicroelectronics STR720 Datasheet HTML 362Page - STMicroelectronics STR720 Datasheet HTML 363Page - STMicroelectronics STR720 Datasheet HTML 364Page - STMicroelectronics STR720 Datasheet HTML 365Page - STMicroelectronics STR720 Datasheet HTML 366Page - STMicroelectronics STR720 Datasheet HTML 367Page - STMicroelectronics STR720 Datasheet HTML 368Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 401 page
background image
STR720 - POWER REDUCTION MODES
364/401
25 POWER REDUCTION MODES
The device contains a centralized clock management block (RCCU) that provides the
controlling software with a means to dynamically disable/enable the clocks to all the major
blocks in the design. The power consumption of the device may thus be tailored to the
required mode of operation.
STR720 operating modes are completely under software control via the proper configuration
of the RCCU registers. This chapter describes each of them in detail.
25.1 RUN Mode
In this operating mode STR720 can be used at its maximum performance level, since main
system clock can be programmed to reach the highest recommended frequency, either using
directly CLK input or using the on-chip PLL. In the case in which on-chip PLL is used, the
following constraints must be taken into account.
In the first place it must be considered that the range of frequencies in which PLL is able to
lock goes from 9 MHz to 27 MHz. When CLK input is driven with a signal whose frequency is
above 27 MHz, DIV2 multiplexer must be always enabled for the on-chip PLL to operate
correctly.
Besides this, another constraint comes from the maximum limit of the internal PLL VCO
frequency, which is required to be less than 1080 MHz. The value of VCO oscillation
frequency depends on the multiplication/division factors set in RCCU configuration registers
(M and D respectively) and the frequency of reference clock (CLK or CLK divided by 2 if DIV2
is enabled). The following formulas describe this relationship.
Depending on PLL configuration. the possible system frequencies generated in RUN mode
can be summarized by the following table, calculated for a generic 16 MHz clock signal
supplied to CLK input. In composing the table, PLL configuration leading to the smaller
current consumption have been chosen.
Table 82. RUN mode system frequencies (CLK=16 MHz)
PLL Multiplier / Divider
AHB / S-APB
[MHz]
A-APB min
(f/16)
A-APB max
(f/2)
ATAPI
PLL_OFF/BYP
16.00
1.00
8.00
8.00
PLL_BYP
16.00
1.00
8.00
8.00
10 / 4
40.00
2.50
20.00
20.00
21 / 8
42.00
2.63
21.00
21.00
11 / 4
44.00
2.75
22.00
22.00
23 / 8
46.00
2.88
23.00
23.00
...
...
...
...
...
f
VCO
2 f
REF
M
⋅⋅
=
f
OUT
f
VCO
2 D
⋅
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com