Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 379 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 379 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 375Page - STMicroelectronics STR720 Datasheet HTML 376Page - STMicroelectronics STR720 Datasheet HTML 377Page - STMicroelectronics STR720 Datasheet HTML 378Page - STMicroelectronics STR720 Datasheet HTML 379Page - STMicroelectronics STR720 Datasheet HTML 380Page - STMicroelectronics STR720 Datasheet HTML 381Page - STMicroelectronics STR720 Datasheet HTML 382Page - STMicroelectronics STR720 Datasheet HTML 383Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
379/401
28.6 Supply Current Characteristics
Measurements are done in the following conditions:
– Program executed from internal RAM, CPU running with RAM access.
– In RUN mode measurement all internal peripherals are clocked but not used. A-APB clock
runs at half AHB clock frequency. In all other mode measurements all peripherals are
switched off.
– All I/O pins in input mode with a static value at VDD3 or VSS (no load).
– PLL switched off (for PLL current characteristics see section 28.10 on page 387).
This implies that I/O related current is not considered in these figures.
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Data based on design characterization performed on sample devices, not tested in production.
Following Figure 74 illustrates the dependency between system clock frequency in MHz and
VDD current consumption in mA, measured in typical conditions and in the indicated range.
Table 92. Current consumption characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min
Typ
Max
IDD_RUN
VDD RUN Mode current
@70 MHz System Clock
-
48
-
mA
IDD_IDLE
VDD IDLE Mode current
@1.6 MHz System Clock
-
1.25
-
mA
IDD_SLP
VDD SLOW Mode current
@32 kHz System Clock
-
17
-
µA
IDD_STP
VDD STOP Mode current
@0 MHz System Clock
-
16
-
µA
IDDRTC
VDDRTC all modes current
@32 kHz RTC Clock
-
3
-
µA
ISTB
STANDBY Mode current
0 V for the system and IO
power supply, 1.8 V for RTC
running on 32 kHz oscillator
-3.5
-
µA
IDD(f)
VDD current function
(1)
System clock frequency f be-
tween 10 and 25 MHz.
-
0.706 fSYS
- 2.229
-mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com