Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 386 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 386 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 382Page - STMicroelectronics STR720 Datasheet HTML 383Page - STMicroelectronics STR720 Datasheet HTML 384Page - STMicroelectronics STR720 Datasheet HTML 385Page - STMicroelectronics STR720 Datasheet HTML 386Page - STMicroelectronics STR720 Datasheet HTML 387Page - STMicroelectronics STR720 Datasheet HTML 388Page - STMicroelectronics STR720 Datasheet HTML 389Page - STMicroelectronics STR720 Datasheet HTML 390Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
386/401
interface timing characteristics, see Section 28.12:
External Memory Bus Timing on
page 393
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Data based on design guidelines and validation, not tested in production.
28.9 Asynchronous Reset Input Characteristics
All reset input pins implement a low-pass glitch filter which improves their noise immunity and
prevents system from malfunctioning as it would happen if they got activated inappropriately.
The electrical characteristics of these special pins, both static and dynamic, are reported in
Table 101. It must be noted that input characteristics of RSTIN ad RTCRST are different from
standard I/Os, due to the fact that they are supplied at 1.8 V by VDDRTC and they have to
tolerate 3.3 V input signals even when no such voltage is applied to STR720 device
(STANDBY mode).
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
Table 100. AC Electrical Characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min.
Typ
Max
TTR
Output transition time
(10%-90% and 90%-10%)
P2(15:0), P3(12:0), P4(3:0)(2)
CL = 50pF
-
-
5
ns
Output transition time
(10%-90% and 90%-10%)
P4(4),P7(43:0),
JTDO, JTCK(2)
CL = 50pF
-
-
2.5
ns
Output transition time
(10%-90% and 90%-10%)
P6(59:47,45:0)(2)
CL = 30pF
-
-
1
ns
Table 101. Reset pads input filter characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min
Typ
Max
VIL
Input low level TTL Schmitt
trigger (JTRST)
--
0.8
V
Input low level Schmitt trigger
(RSTIN, RTCRST)
0.43
0.5
0.65
V
VIH
Input high level TTL Schmitt
trigger (JTRST)
2.0
-
-
V
Input high level Schmitt trigger
(RSTIN, RTCRST)
0.72
0.9
0.98
V
VHYS
Input hysteresis TTL Schmitt
trigger (JTRST)
0.4
-
-
V
Input hysteresis Schmitt trig-
ger (RSTIN, RTCRST)
--
-
V
tFRS
Input filtered pulse
JTRST, RSTIN, RTCRST
-
-
50
ns
tNFR
Input not filtered pulse
JTRST, RSTIN, RTCRST
500
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com