Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 398 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 398 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 393Page - STMicroelectronics STR720 Datasheet HTML 394Page - STMicroelectronics STR720 Datasheet HTML 395Page - STMicroelectronics STR720 Datasheet HTML 396Page - STMicroelectronics STR720 Datasheet HTML 397Page - STMicroelectronics STR720 Datasheet HTML 398Page - STMicroelectronics STR720 Datasheet HTML 399Page - STMicroelectronics STR720 Datasheet HTML 400Page - STMicroelectronics STR720 Datasheet HTML 401Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 398 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
398/401
In figure 86 a sample of 4-beat burst read access is depicted, to show how access gets more
efficient in the case of a burst read. The timing parameters of burst read access are the same
of single read access.
Figure 86. SDRAM Burst Read Access
delay
RAS-CAS
latency
CAS
MICLK
MIA[13:11]
Bank
MIA[10:0]
Row
Col0
MCS[x]
MISA / RAS
MIAA / CAS
MID[32:0]
Data0
MIWE
Col1
Col2
Col3
Data1
Data2
Data3
Note: this diagram shows the timing with RAS-CAS delay, CAS latency set to 1 wait-state and no precharge delay.
Activate
Bank
Read
Precharge
Bank
Read
Read
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com