Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2W005
Description  Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000Volts , Forward Current 2.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2W005 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2W005 Datasheet HTML 1Page - First Silicon Co., Ltd 2W005 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2011 11
24
1/2
Revision No : 0
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage 50 to 1000Volts , Forward Current 2.0 Amperes
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Rating at 25oC ambient temperature unless otherwise specified.
r
e
t
e
m
a
r
a
s
P
l
o
b
m
y
S
s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
t
n
e
r
r
u
c
e
r
m
u
m
i
x
a
V
M
M
R
R
0
5
0
0
1
0
0
2
0
0
4
0
0
6
0
0
8
0
0
0
1
s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
V
M
S
M
R
5
3
0
7
0
4
1
0
8
2
0
2
4
0
6
5
0
0
7
s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
V
M
C
D
0
5
0
0
1
0
0
2
0
0
4
0
0
6
0
0
8
0
0
0
1
s
t
l
o
V
)
m
m
5
.
9
(
"
5
7
3
.
0
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
)
1
.
g
i
F
d
n
a
2
.
g
i
F
e
e
S
(
h
t
g
n
e
l
d
a
e
l
I
)
V
A
(
F
0
.
s
2
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
)
s
I
M
S
F
s
p
m
A
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
I
R
2
0
t
.
5
1
A2
c
e
s
A
0
.
1
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
.
x
a
V
M
F
1
.
s
1
t
l
o
V
T
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
t
n
e
m
e
l
e
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
I
R
0
.
0
1
uA
)
1
e
t
o
N
(
t
n
e
m
e
l
e
r
e
p
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
C
T
J
0
0
4
2
pF
)
2
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
0
4
5
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
T
O
J
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
T
S
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes
1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts
2. Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length P.C.B. mounting
a
t
a
D
l
a
c
i
n
a
h
c
e
M
Ideal for printed circuit boards
Typical I
R less than 0.5 µA
High case dielectric strength
High surge current capability
Solder Dip 260 °C, 40 seconds
Case: WOB
Epoxy meets UL-94V-0 Flammability rating
Terminals: Silver plated (E4 Suffix) leads, solderable per
J-STD-002B and JESD22-B102D
Polarity: As marked on body
General purpose use in ac-to-dc bridge full wave rectification for
Power Supply, Adapter, Charger, lighting Ballaster on Consumers and
Home Appliances applications
Typical Applications
Package outline dimensions in inches (millimeters)
2W005~10
2W005
2W01
2W02
2W04
2W06
2W08
2W10
50.0
500 (Ta=100℃)
-55 to +125


Similar Part No. - 2W005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W005 SSE-2W005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W005 BYTES-2W005 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W005 CHENYI-2W005 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - 2W005

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
2W005M GOOD-ARK-2W005M Datasheet
172Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Yea Shin Technology Co....
2KBP005M YEASHIN-2KBP005M Datasheet
360Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
logo
GOOD-ARK Electronics
2W005M GOOD-ARK-2W005M_15 Datasheet
173Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
GBJL25J GOOD-ARK-GBJL25J_15 Datasheet
195Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 25.0 Amperes
GBJL20JA GOOD-ARK-GBJL20JA_15 Datasheet
194Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 20.0 Amperes
GBJL8J GOOD-ARK-GBJL8J_15 Datasheet
195Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 8.0 Amperes
GBJL6J GOOD-ARK-GBJL6J_15 Datasheet
190Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
KBJL6X GOOD-ARK-KBJL6X_15 Datasheet
227Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
KBJL4XU GOOD-ARK-KBJL4XU_15 Datasheet
227Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 4.0 Amperes
KBJL8X GOOD-ARK-KBJL8X_15 Datasheet
226Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 8.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com