Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16WS Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BAV16WS
Description  Ultra Swtiching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV16WS Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BAV16WS Datasheet HTML 1Page - First Silicon Co., Ltd BAV16WS Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2016. 1. 28
1/2
SEMICONDUCTOR
TECHNICAL DATA
BAV16WS
Revision No : 0
Ultra high speed switching application
Low Forward Voltage
Fast Reverse Rocovery Time
Small Total Capacitance
Case:SOD-323F Plastic Package
Weight:Approx. 0.004g
Packaging:
3K per 7"reel(8mm tape)
45K inner box, 180K out box
Marking: T6(BAV16WS)
A8(BAV19WS)
Tamb=25
, unless otherwise specified
Tamb=25
, unless otherwise specified
Unit
2
200
150
-55~150
2
200
Dim
Millimeters
Characteristic
Maximum Peak Reverse Voltage
Reverse Voltage
Continuous Forward Current
Surge Current (1uS)
Power Dissipation
Junction Temperature
Storage Tempearture Range
Max Ratings
BAV16WS
BAV19WS
85
120
80
300
100
200
Symbol
VRM
VR
IF
IFSM
PD
Tj
Tstg
G
>0.25
Features
Mechanical Data
D
1.70±0.10
E
A
B
1.30±0.10
0.10±0.02
0.80±0.15
Characteristic
Maximum Ratings & Thermal Characteristics
2.65±0.20
V
C
0.30±0.05
F
Unit
Max.
Typ.
Min.
Test Condition
Symbol
0.72
VF(1)
IF=1mA
-
0.60
Electrical Characteristics
VF(2)
IF=10mA
-
uA
VF(3)
IF=150mA
-
-
nS
Forward Voltage
V
Reverse Recovery Time
trr
IF=10mA
-
1.6
pF
Total Capcitance
CT
VR=0, f=1MHZ
-
0.9
Reverse Current
IR
VR=80V
-
-
A
B
C
D
E
F
G
Ultra Swtiching Diode
SOD-323F


Similar Part No. - BAV16WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16WS PANJIT-BAV16WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV16WS DIODES-BAV16WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
BAV16WS DIODES-BAV16WS Datasheet
350Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 10 - 2
logo
Won-Top Electronics
BAV16WS WTE-BAV16WS Datasheet
46Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAV16WS TSC-BAV16WS Datasheet
54Kb / 2P
Fast Switching Surface Mount Diode
More results

Similar Description - BAV16WS

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
R15 CHENG-YI-R15 Datasheet
117Kb / 2P
FAST SWTICHING RECTIFIER
logo
Renesas Technology Corp
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE Datasheet
81Kb / 4P
Single Diode Ultra Fast Recovery Diode
logo
Mean Well Enterprises C...
NEL-200 MEANWELL-NEL-200 Datasheet
545Kb / 2P
200W Single Output Swtiching Power Supply
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
15W SINGLE OUTPUT SWTICHING POWER SUPPLY
logo
Renesas Technology Corp
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ_15 Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ_15 Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
logo
First Silicon Co., Ltd
FDS56 FS-FDS56 Datasheet
98Kb / 2P
Dual Swtiching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com