Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BAV99
Description  Dual Series Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV99 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BAV99 Datasheet HTML 1Page - First Silicon Co., Ltd BAV99 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Series Switching Diode
BAV99
2018. 11. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 1
Chip made in Japan
Ultra high speed switching application
Low Forward Voltage
Fast Reverse Rocovery Time
Small Total Capacitance
Case:SOT-23 Plastic Package
Weight:Approx. 0.008g
Packaging:
3K per 7"reel(8mm tape)
15K inner box, 150K out box
Marking: A7
Tamb=25
, unless otherwise specified
Tamb=25
, unless otherwise specified
nS
Forward Voltage
Characteristic
Maximum Peak Reverse Voltage
Reverse Voltage
V
Reverse Recovery Time
trr
IF=10mA
-
1.6
pF
Total Capcitance
CT
VR=0, f=1MHZ
-
0.9
Reverse Current
IR
VR=80V
-
-
VF(2)
IF=10mA
-
-55~150
uA
VF(3)
IF=150mA
-
-
Power Dissipation
(Mounted On 99.5% Alumina, 10*8*0.6mm)
Storage Tempearture Range
Tstg
Unit
Max.
Typ.
Min.
Test Condition
Symbol
Junction Temperature
Tj
150
0.72
VF(1)
IF=1mA
-
0.60
Electrical Characteristics
SOT-23
Maximum Ratings & Thermal Characteristics
85
VRM
Millimeters
V
B
1.30±0.15
C
1.05±0.15
D
0.40±0.10
E
2.50+0.10/-0.25
G
1.90±0.10
H
0.95
J
0.12+0.0/-0.1
Characteristic
Unit
Symbol
Max Ratings
2
VR
Continuous Forward Current
Surge Current (1uS)
80
IF
250
IFSM
PD
300
N
1.0±0.10
Features
Mechanical Data
K
0.00~0.10
L
Dim
A
2.90±0.15
0.55
M
0.20mm MIN
L
E
B
L
M
3
1
2


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
Dual Series Switching Diode
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
Dual Series Switching Diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
Dual Series Switching Diode
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
Dual Series Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99W-WS CHENG-YI-BAV99W-WS Datasheet
281Kb / 4P
DUAL SERIES SWITCHING DIODE
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
Dual series switching diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
Dual Series Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com