Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC5-M18-RZ3X Datasheet(PDF) 1 Page - Turck, Inc.

Part # BC5-M18-RZ3X
Description  Capacitive sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BC5-M18-RZ3X Datasheet(HTML) 1 Page - Turck, Inc.

  BC5-M18-RZ3X Datasheet HTML 1Page - Turck, Inc. BC5-M18-RZ3X Datasheet HTML 2Page - Turck, Inc. BC5-M18-RZ3X Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Capacitive sensor
BC5-M18-RZ3X
1 / 3
TURCK Inc. ñ 3000 Campus Drive Minneapolis, MN 55441-2656 ñ Phone: 763-553-7300 ñ Application Support: 1-800-544-7769 ñ Fax 763-553-0708 ñ www.turck.com
Type designation
BC5-M18-RZ3X
Ident-No.
2305100
Rated switching distance (flush)
5 mm
Rated switching distance (non-flush)
5 mm
Secured operating distance
ð
(0.72 x Sn) mm
Hysteresis
2…20 %
Temperature drift
type 20 %
Repeat accuracy
ð
2 % of full scale
Ambient temperature
-25…+70 °C
Operating voltage
20…250VAC
AC rated operational current
ð
500 mA
Frequency
ï
50…ð 60 Hz
Smallest operating current I
m
ï
5 mA
Residual current
ð
1.7 mA
Switching frequency
0.02 kHz
Isolation test voltage
ð
1.5 kV
Output function
2-wire, NC contact, 2-wire
Voltage drop at I
e
ð
7 V
Approvals
UL
ABS
cULus
Design
Threaded barrel,M18 × 1
Dimensions
74 mm
Housing material
Metal, CuZn, Chrome-plated
Active area material
Plastic, PBT-GF30-V0, yellow
Admissible pressure on front cap
ð
4 bar
Max. tightening torque housing nut
25 Nm
Electrical connection
Cables
Cable quality
Ø 5.2mm, LifYY, PVC, 2 m
Cable cross section
3 x 0.5 mm2
Vibration resistance
55 Hz (1 mm)
Shock resistance
30 g (11 ms)
Protection class
IP67
MTTF
1080 years acc. to SN 29500 (Ed. 99) 40 °C
Packaging unit
1
Switching state
LED, Yellow
M18 × 1 threaded barrel
Chrome-plated brass
Fine adjustment via potentiometer
AC 2-wire, 20…250 VAC
NC contact
Cable connection
Wiring Diagram
Functional principle
Capacitive proximity switches are designed
for non-contact and wear-free detection of
electrically conductive as well as non-conduc-
tive metal objects.


Similar Part No. - BC5-M18-RZ3X

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-M18-RZ3X TURCK-BC5-M18-RZ3X Datasheet
161Kb / 2P
Capacitive Sensor
11/07/2023
More results

Similar Description - BC5-M18-RZ3X

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
CBN2-F46-E3 PF-CBN2-F46-E3 Datasheet
244Kb / 2P
Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
Capacitive sensor
CCN15-30GS60-E2 PF-CCN15-30GS60-E2 Datasheet
227Kb / 2P
Capacitive sensor
CJ1-12GK-N-15M PF-CJ1-12GK-N-15M Datasheet
241Kb / 2P
Capacitive sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com