Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856U Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # BC856U
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC856U Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  BC856U Datasheet HTML 1Page - First Silicon Co., Ltd BC856U Datasheet HTML 2Page - First Silicon Co., Ltd BC856U Datasheet HTML 3Page - First Silicon Co., Ltd BC856U Datasheet HTML 4Page - First Silicon Co., Ltd BC856U Datasheet HTML 5Page - First Silicon Co., Ltd BC856U Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2012. 07. 05
6/6
Revision No : 0
BC856U/ 857U/ 858U
0.7
1.9
0.028
0.65
0.025
0.65
0.025
inches
mm
0.075
0.035
0.9
PIN 1. BASE
2. EMITTER
3. COLLECTOR
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM MIN MAX MIN MAX
MILLIMETERS
INCHES
A
0.071 0.087
1.80
2.20
K
0.017 REF
0.425 REF
L
0.026 BSC
0.650 BSC
N
0.028 REF
0.700 REF
S
0.079 0.095
2.00
2.40
B
0.045 0.053
1.15
1.35
C
0.032 0.040
0.80
1.00
D
0.012 0.016
0.30
0.40
G
0.047 0.055
1.20
1.40
H
0.000 0.004
0.00
0.10
J
0.004 0.010
0.10
0.25
C
N
A
L
D
G
S
B
H
J
K
3
1
2
0 05 (0.002)
SC-70 / SOT-323



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com