Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP52 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BCP52
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BCP52 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BCP52 Datasheet HTML 1Page - First Silicon Co., Ltd BCP52 Datasheet HTML 2Page - First Silicon Co., Ltd BCP52 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
BCP53
2015. 01. 18
1/3
Revision No : 0
BCP51,52,53 TRANSISTOR (PNP)
FEATURES
For AF driver and output stages
High collector current
Low collector-emitter saturation voltage
Complementary types: BCP54...BCP56 (NPN)
MAXIMUM RA TINGS (Ta=25℃ unless other wise noted)
Symbol
Para meter
BCP51
BCP52
BCP53
Unit
VCBO
Collector-Base Voltage
-45
-60
-100
V
VCEO
Collector-Emitter Voltage
-45
-60
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1
A
PC
Collector Power Dissipation
1.5
W
RθJA
Thermal Resistance Junction to Ambient
94
℃/W
Tstg
Storage Temperature Range
-65~+150
℃
ELECTRICAL CHARACTERISTICS (T a=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
BCP51
BCP52
BCP53
V(BR)CBO
IC=- 0.1mA,IE=0
-45
-60
-100
V
Collector-emitter breakdown voltage
BCP51
BCP52
BCP53
V(BR)CEO
IC= -10mA,IB=0
-45
-60
-80
V
Base-emitter breakdown voltage
V(BR)EBO
IC= -10
μA,IE=0
-5
V
Collector cut-off current
ICBO
VCB= -30 V, IE=0
-100
nA
hFE(1)
VCE=-2V, IC=-5mA
25
hFE(2)
VCE= -2V, IC=-150m A
63
250
DC current gain
hFE(3)
VCE= -2V, IC=-500m A
25
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-0.5
V
Base-emitter voltage
VBE
VCE=-2V, IC=-500m A
-1
V
Transition frequency
fT
VCE=-10V,IC=-50mA,f=100MHz
100
MHz
CLASSIFICA TION OF hFE(2)
Rank
BCP51-10, BCP52-10, BCP53-10
BCP51-16, BCP52-16, BCP53-16
Range
63-1
0
5
2
-
0
0
1
0
6
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER


Similar Part No. - BCP52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP52 PHILIPS-BCP52 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
BCP52 STMICROELECTRONICS-BCP52 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Siemens Semiconductor G...
BCP52 SIEMENS-BCP52 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP52 FAIRCHILD-BCP52 Datasheet
46Kb / 4P
PNP General Purpose Amplifier
logo
Infineon Technologies A...
BCP52 INFINEON-BCP52 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BCP52

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com