Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRB-10 Datasheet(PDF) 2 Page - CUI INC

Part # PDRB-10
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-10 Datasheet(HTML) 2 Page - CUI INC

  PDRB-10 Datasheet HTML 1Page - CUI INC PDRB-10 Datasheet HTML 2Page - CUI INC PDRB-10 Datasheet HTML 3Page - CUI INC PDRB-10 Datasheet HTML 4Page - CUI INC PDRB-10 Datasheet HTML 5Page - CUI INC PDRB-10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 06/13/2019
│ page 2 of 6
CUI Inc
│ SERIES: PDRB-10 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
120
264
375
Vac
Vdc
frequency
47
63
Hz
current
at 90 Vac, full load
300
mA
inrush current
at 115 Vac, full load
at 230 Vac, full load
15
30
A
A
leakage current
input to output
input to FG
0.25
3.5
mA
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
3,500
µF
initial set point accuracy
±1
%
line regulation
at full load, V in min to V in max
±1
%
load regulation
at Vi nom, 0~100% load
±2
%
adjustability
via built in trim pot, 80% load
5, 12, 15 Vdc output models
24 Vdc output models
90
90
115
120
%
%
rated continuous loading at
max trim voltage
5 Vdc output models (5.75 Vdc)
12 Vdc output models (13.8 Vdc)
15 Vdc output models (17.25 Vdc)
24 Vdc output models (28.8 Vdc)
1.7
0.72
0.58
0.34
A
A
A
A
start-up time
at Vi nom, full load
at Vi nom, full load with max capacitive load
1.0
1.5
s
s
rise time
at Vi nom, full load
at Vi nom, full load with max capacitive load
150
500
ms
ms
hold-up time
at 115 Vac, full load
at 230 Vac, full load
25
100
ms
ms
fall time
at Vi nom, full load
150
ms
transient recovery time
at Vi nom, 100~50% load
2
ms
switching frequency
at Vi nom, full load
132
kHz
temperature coefficient
±0.03
%/°C
power back immunity
at Vi nom, full load, for 1 second
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
7.5
18
22
35
Vdc
Vdc
Vdc
Vdc
DC ON indicator threshold at
start-up (GREEN)
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
3.5
9.0
11.0
18
4.5
10.8
13.5
21.6
Vdc
Vdc
Vdc
Vdc
DC LOW indicator threshold
after start-up (RED)
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
3.5
9.0
11.0
18
4.5
10.8
13.5
21.6
Vdc
Vdc
Vdc
Vdc
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com