Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12FTH4Q Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # M12FTH4Q
Description  Sure Cross짰 Performance Node
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

M12FTH4Q Datasheet(HTML) 2 Page - Banner Engineering Corp.

  M12FTH4Q Datasheet HTML 1Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 2Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 3Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 4Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 5Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 6Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 7Page - Banner Engineering Corp. M12FTH4Q Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
General Operation
For the first five minutes after powering up, the Node operates in fast sample mode, sampling and sending data every two
seconds. After five minutes, the Node defaults to five minute sample intervals and the LCD turns off to save power, which is ideal
for the battery-powered models. Use the DIP switches or the User Configuration Tool (UCT) software to set the sample rate.
To activate fast sample mode, single-click button 1. LED 2 is on (amber) during the fast sample mode. To exit fast sample mode
and turn off the LCD, click button 2 five times.
Sensors with a Serial Interface
The following sensors are designed to be used with any of the 1-Wire Serial Interface Nodes.
K50UX1RA
•
U-GAGE Ultrasonic Sensor with 1-
wire serial interface
•
Datasheet:
191599
M12FTH4Q
•
Temperature and Humidity Sensor,
±2% Accuracy, 1-wire serial
interface
•
(Requires a 5-pin threaded M12/
Euro-style double-ended cordset
less than 3 meters long, such as
model DEE2R-5
xD.)
•
Datasheet:
162669
M12FT4Q
•
Temperature Sensor with 1-wire
serial interface
•
(Requires a 5-pin threaded M12/
Euro-style double-ended cordset
less than 3 meters long, such as
model DEE2R-5
xD.)
•
Datasheet:
162669
QM42VT1
•
Vibration and temperature sensor
with 1-wire serial interface
•
Detects dual-axis vibration
•
Zinc alloy housing
•
3 m cable with a 5-pin M12/Euro-
style male quick disconnect (QD)
•
Datasheet:
186209
QM42VT1QP
•
Vibration and temperature sensor
with 1-wire serial interface
•
Detects dual-axis vibration
•
Zinc alloy housing
•
150 mm (6 in) PVC cable with a 5-
pin M12/Euro-style male quick
disconnect (QD)
•
Datasheet:
186209
QS30WEQ
•
WORLD-BEAM Photoelectric
Emitter, QS30 (Max Range: 100
feet, 10x excess gain at 50 feet), 1-
wire serial interface
•
Datasheet:
140987
QS30WRQ
•
WORLD-BEAM Photoelectric
Receiver, QS30 (Max Range: 100
feet, 10x excess gain at 50 feet), 1-
wire serial interface
•
Datasheet:
140987
Configuration Instructions
Setting Up Your Wireless Network
To set up and install your wireless network, follow these steps.
Disconnect the power from your Sure Cross devices.
1. Configure the DIP switches of all devices.
2. If your device has I/O, connect the sensors to the Sure Cross devices. If your device does not have I/O, skip this step.
Sure Cross® Performance Node
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 204221 Rev. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com