Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VTP Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VTP Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Description
DIP Switches
1
2
3
4
5
6
7
8
Reserved
ON
ON
OFF
User configured (use the Sensor Configuration Tool To pre-configure
QM42VT1)
ON
ON
ON
Sample/report rate: user configured (5 minutes by default)
OFF*
OFF*
Sample/report rate: 150 seconds
OFF
ON
Sample/report rate: 60 seconds
ON
OFF
Reserved
ON
ON
English units (e.g. velocity = in/s)
OFF*
Metric units (e.g. velocity = mm/s)
ON
Reserved
OFF*
* Default position
I/O Configurations (Set by DIP Switches 2, 3, and 4)
Input
Register
Default I/O
I/O Configuration 1
I/O Configuration 2
I/O Configuration 3
I/O Configuration 4
I/O Configuration 5
1
Z-Axis
RMS Velocity (in/sec) RMS Velocity (in/sec)
High-Frequency RMS
Acceleration (G)
RMS Velocity (in/
sec)
Full Bandwidth RMS
Acceleration (G)
RMS Velocity (in/sec)
2
High-Frequency RMS
Acceleration (G)
Peak Acceleration (G)
Peak Acceleration (G)
Peak Velocity
Component
Frequency (Hz)
Full Bandwidth Peak
Acceleration (G)
Full Bandwidth RMS
Acceleration (G)
3
-
Temperature (°F)
Temperature (°F)
Temperature (°F)
Temperature (°F)
Temperature (°F)
Temperature (°F)
4
-
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
5
X-Axis
RMS Velocity (in/sec) RMS Velocity (in/sec)
High-Frequency RMS
Acceleration (G)
RMS Velocity (in/
sec)
Full Bandwidth RMS
Acceleration (G)
RMS Velocity (in/sec)
6
High-Frequency RMS
Acceleration (G)
Peak Acceleration (G)
Peak Acceleration (G)
Peak Velocity
Component
Frequency (Hz)
Full Bandwidth Peak
Acceleration (G)
Full Bandwidth RMS
Acceleration (G)
If DIP switch 7 is on, all in/s units change to mm/s. DIP switch 7 will only switch units with DIP switch I/O configurations, not with
any user configuration.
Configure the Q45 Using the User Configuration Tool (UCT)
The User Configuration Tool (UCT) offers an easy way to change sensor settings, show sensor data from different sensors, and
retrieve data from the Gateway radio. The UCT runs on any Windows computer and uses an adapter cable to connect the Gateway
to your computer.
Download the most recent version of the UCT from Banner Engineering's website:
www.bannerengineering.com/wireless.
Sure Cross® Wireless Q45VTP Node
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 208637 Rev. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com