Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL50SWSSL5PWMQ Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WL50SWSSL5PWMQ
Description  WL50S Stainless Steel High-Intensity Spot Light - PWM Dimmable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WL50SWSSL5PWMQ Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WL50SWSSL5PWMQ Datasheet HTML 1Page - Banner Engineering Corp. WL50SWSSL5PWMQ Datasheet HTML 2Page - Banner Engineering Corp. WL50SWSSL5PWMQ Datasheet HTML 3Page - Banner Engineering Corp. WL50SWSSL5PWMQ Datasheet HTML 4Page - Banner Engineering Corp. WL50SWSSL5PWMQ Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
Washdown Rated Cordsets
Polypropylene jacket and connector body, stainless steel coupling nut
5-Pin Threaded M12/Euro-Style Cordsets―Washdown
Model
Length
Style
Dimensions
Pinout
MQDCWD-506
1.83 m (6 ft)
Straight
42 Typ.
[1.65"]
ø 15.0
[0.57"]
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDCWD-530
9.14 m (30 ft)
Mounting Brackets
All measurements are in mm
SMB30A
•
Right-angle bracket with
curved slot for versatile
orientation
•
Clearance for M6 (¼ in)
hardware
•
Mounting hole for 30 mm
sensor
•
12-ga. stainless steel
45
61
69
A
B
C
Hole center spacing: A to B=40
Hole size: A=ø 6.3, B= 27.1 x 6.3, C=ø 30.5
SMB30SC
•
Swivel bracket with 30 mm
mounting hole for sensor
•
Black reinforced
thermoplastic polyester
•
Stainless steel mounting and
swivel locking hardware
included
67
58
29
B
A
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
WL50S Stainless Steel High-Intensity Spot Light - PWM Dimmable
4
www.bannerengineering.com - tel: 763-544-3164
P/N 179497 Rev. A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com