Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL50SWSSGL5PWMQ Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WL50SWSSGL5PWMQ
Description  WL50S Stainless Steel High-Intensity Spot Light - PWM Dimmable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WL50SWSSGL5PWMQ Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WL50SWSSGL5PWMQ Datasheet HTML 1Page - Banner Engineering Corp. WL50SWSSGL5PWMQ Datasheet HTML 2Page - Banner Engineering Corp. WL50SWSSGL5PWMQ Datasheet HTML 3Page - Banner Engineering Corp. WL50SWSSGL5PWMQ Datasheet HTML 4Page - Banner Engineering Corp. WL50SWSSGL5PWMQ Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions
Wiring
2
3
4
1
Pins
Color
Color/Connection
1
brown
12 to 30 V dc
3
blue
dc common
4
black
Not used
2
white
Pulse Width Modulation (PWM) input
For maximum intensity, leave the white and black wires floating or connected to common.
Accessories
Cordsets
Standard Cordsets
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
WL50S Stainless Steel High-Intensity Spot Light - PWM Dimmable
P/N 179497 Rev. A
www.bannerengineering.com - tel: 763-544-3164
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com