Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL50SWSSL11PWMQ Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WL50SWSSL11PWMQ
Description  WL50S Stainless Steel High-Intensity Spot Light - PWM Dimmable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WL50SWSSL11PWMQ Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WL50SWSSL11PWMQ Datasheet HTML 1Page - Banner Engineering Corp. WL50SWSSL11PWMQ Datasheet HTML 2Page - Banner Engineering Corp. WL50SWSSL11PWMQ Datasheet HTML 3Page - Banner Engineering Corp. WL50SWSSL11PWMQ Datasheet HTML 4Page - Banner Engineering Corp. WL50SWSSL11PWMQ Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Chemically Resistant LED work lighting
•
Intensity can be controlled from 0 to 100% using Pulse Width Modulation (PWM) on
an input control wire
•
Three lens options, depending on model, to vary spot size
•
Illuminates a large area with an even pattern of light and no shadows
•
12 to 30 V dc operation
•
56 mm (2.2 in) diameter with flat profile and 30 mm (1.2 in) mounting base
•
Rugged, Viton® o-ring sealed housing rated to IP69K
•
Chemically resistant 316 stainless steel housing for use in harsh environments
•
FDA grade silicone gasket
Use with the LC65 Dimmer Module. For more information, refer to the LC65 LED
Dimmer Module datasheet, p/n 177086.
Model
LED Color
Window Material
Lumens
Lux
Lens Angle
(see Beam
Patterns on
page 2)
Connection
0.5 m
1 m
WL50SWSSL5PWMQ
White,
5000–8300 K
Polycarbonate
295
13780
3445
±5°
small, more
focused spot
5-pin Euro-style integral QD
connector (use with a 4-
wire or 5-wire mating
cordset, only 3 wires used
for connection)
WL50SWSSGL5PWMQ
Glass
WL50SWSSL11PWMQ
Polycarbonate
285
5460
1365
±11°
larger spot
WL50SWSSGL11PWMQ
Glass
WL50SWSSL20PWMQ
Polycarbonate
270
2000
500
±20°
largest spot
WL50SWSSGL20PWMQ
Glass
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
WL50S Stainless Steel High-Intensity Spot
Light - PWM Dimmable
Original Document
179497 Rev. A
8 April 2014
179497


Similar Part No. - WL50SWSSL11PWMQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WL50SWSSL11Q BANNER-WL50SWSSL11Q Datasheet
409Kb / 4P
WL50S Stainless Steel High-Intensity Work Spot Light
More results

Similar Description - WL50SWSSL11PWMQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WL50-2 BANNER-WL50-2 Datasheet
411Kb / 4P
WL50-2 LED Work Light - PWM Dimmable
WL50S BANNER-WL50S_V01 Datasheet
309Kb / 5P
WL50S High-Intensity Spot Light - PWM Dimmable
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
WL50S High-Intensity Work Spot Light
WL50S BANNER-WL50S_V03 Datasheet
409Kb / 4P
WL50S Stainless Steel High-Intensity Work Spot Light
WLA BANNER-WLA_V02 Datasheet
651Kb / 4P
WLA General Purpose LED Light - PWM Dimmable
WLC60 BANNER-WLC60 Datasheet
549Kb / 4P
WLC60 Heavy Duty Stainless Steel LED Light
WLC60 BANNER-WLC60_V02 Datasheet
1Mb / 8P
WLC60 Heavy Duty LED Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
LEDWS50L5-XQ BANNER-LEDWS50L5-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com