Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32C850..Q Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # WLB32C850..Q
Description  WLB32 Industrial LED Light Bar (DC)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32C850..Q Datasheet(HTML) 7 Page - Banner Engineering Corp.

  WLB32C850..Q Datasheet HTML 1Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 2Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 3Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 4Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 5Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 6Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 7Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 8Page - Banner Engineering Corp. WLB32C850..Q Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
4-Pin Threaded M12/Euro-Style Cordsets—Double Ended
Model
Length
Style
Dimensions
Pinout
MQDEC-401SS
0.31 m (1 ft)
Male Straight/Female
Straight
40 Typ.
[1.58"]
ø 14.5 [0.57"]
M12 x 1
44 Typ.
[1.73"]
ø 14.5 [0.57"]
M12 x 1
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
MQDEC-403SS
0.91 m (3 ft)
MQDEC-406SS
1.83 m (6 ft)
MQDEC-412SS
3.66 m (12 ft)
MQDEC-420SS
6.10 m (20 ft)
MQDEC-430SS
9.14 m (30 ft)
MQDEC-450SS
15.2 m (50 ft)
MQDEC-403RS
0.91 m (1 ft)
Male Right-Angle/
Female Straight
44 Typ.
[1.73"]
ø 14.5 [0.57"]
M12 x 1
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDEC-406RS
1.83 m (3 ft)
MQDEC-412RS
3.66 m (12 ft)
MQDEC-420RS
6.10 m (20 ft)
MQDEC-430RS
9.14 m (30 ft)
MQDEC-450RS
15.2 m (50 ft)
4-Pin Threaded M12/Euro-Style Splitter Cordsets—Flat Junction
Model
Branches (Female)
Trunk (Male)
Pinout
CSB-M1240M1240
No branch
No trunk
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
CSB-M1240M1241
2 x 0.30 m (1 ft)
No trunk
CSB-M1241M1241
0.30 m (1 ft)
CSB-M1248M1241
2.50 m (8 ft)
CSB-M12415M1241
4.57 m (15 ft)
CSB-M12425M1241
7.60 m (25 ft)
CSB-UNT425M1241
7.60 m (25 ft) Unterminated
44 Typ.
[1.73"]
43.0
[1.69"]
Ø14.5 [0.57"]
M12 x 1
Ø14.5 [0.57"]
40 Typ.
[1.58"]
18.0
[0.71"]
Ø4.5
[0.18"]
35 [1.38"]
M12 x 1
WLB32 Industrial LED Light Bar (DC)
P/N 176313 Rev. I
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com