Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32C1130..Q Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # WLB32C1130..Q
Description  WLB32 Industrial LED Light Bar (DC)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32C1130..Q Datasheet(HTML) 6 Page - Banner Engineering Corp.

  WLB32C1130..Q Datasheet HTML 1Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 2Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 3Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 4Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 5Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 6Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 7Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 8Page - Banner Engineering Corp. WLB32C1130..Q Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Dimensions
L1
L2
Motion Detector and/or Eye Shield Models
Specific to models with shield
Models
Models without Motion Detector
Models with Motion Detector and/or Eye Shields
L1
L2
L3
L4
WLB32C285..Q
298 mm (11.7 in)
320 mm (12.6 in)
368 mm (14.5 in)
390 mm (15.4 in)
WLB32C570..Q
580 mm (22.8 in)
602 mm (23.7 in)
650 mm (25.6 in)
672 mm (26.5 in)
WLB32C850..Q
862 mm (33.9 in)
884 mm (34.8 in)
932 mm (36.7 in)
954 mm (37.6 in)
WLB32C1130..Q
1144 mm (45.0 in)
1166 mm (45.9 in)
1214 mm (47.8 in)
1236 mm (48.7 in)
WLB32C285..
298 mm (11.7 in)
313 mm (12.3 in)
368 mm (14.5 in)
383 mm (15.1 in)
WLB32C570..
580 mm (22.8 in)
595 mm (23.4 in)
650 mm (25.6 in)
665 mm (26.2 in)
WLB32C850..
862 mm (33.9 in)
877 mm (34.5 in)
932 mm (36.7 in)
947 mm (37.3 in)
WLB32C1130..
1144 mm (45.0 in)
1159 mm (45.6 in)
1214 mm (47.8 in)
1229 mm (48.4 in)
Accessories
4-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
WLB32 Industrial LED Light Bar (DC)
6
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 176313 Rev. I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com