Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1817 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1817
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1817 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1817 Datasheet HTML 9Page - Linear Technology LT1817 Datasheet HTML 10Page - Linear Technology LT1817 Datasheet HTML 11Page - Linear Technology LT1817 Datasheet HTML 12Page - Linear Technology LT1817 Datasheet HTML 13Page - Linear Technology LT1817 Datasheet HTML 14Page - Linear Technology LT1817 Datasheet HTML 15Page - Linear Technology LT1817 Datasheet HTML 16Page - Linear Technology LT1817 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1815
LT1816/LT1817
181567fa
APPLICATIO S I FOR ATIO
ISET
V–
181567 F01
V+
RSET
–5V
5V
–
+
LT1815S6
Figure 1. Programming Resistor Between ISET and V–
RSET PROGRAMING RESISTOR (Ω)
50
100
150
200
250
10
1k
10k
40k
181567 F02
0
100
VS = ±5V
TA = 25°C
RL = 500Ω
RL = 100Ω
Figure 2. Gain Bandwidth Product vs RSET Programming Resistor
RSET PROGRAMMING RESISTOR (Ω)
2
4
6
7
10
1k
10k
40k
181567 F03
0
100
5
3
1
VS = ±5V
TA = 25°C
PER AMPLIFIER
Figure 3. Supply Current vs RSET Programming Resistor
Power Dissipation
The LT1815/LT1816/LT1817 combine high speed and
large output drive in small packages. It is possible to
exceed the maximum junction temperature specification
(150
°C)undercertainconditions.Maximumjunctiontem-
perature (TJ) is calculated from the ambient temperature
(TA), power dissipation per amplifier (PD) and number of
amplifiers (n) as follows:
TJ = TA + (n • PD • θJA)
Power dissipation is composed of two parts. The first is
due to the quiescent supply current and the second is due
to on-chip dissipation caused by the load current. The worst-
case load induced power occurs when the output voltage
is at 1/2 of either supply voltage (or the maximum swing
if less than 1/2 the supply voltage). Therefore PDMAX is:
PDMAX = (V+ – V–) • (ISMAX) + (V+/2)2/RL or
PDMAX = (V+ – V–) • (ISMAX) + (V+ – VOMAX) •
(VOMAX/RL)
Example: LT1816IS8 at 85
°C, VS = ±5V, RL=100Ω
PDMAX = (10V) • (11.5mA) + (2.5V)2/100Ω = 178mW
TJMAX = 85°C + (2 • 178mW) • (150°C/W) = 138°C
Circuit Operation
The LT1815/LT1816/LT1817 circuit topology is a true
voltage feedback amplifier that has the slewing behavior of
a current feedback amplifier. The operation of the circuit
can be understood by referring to the Simplified Sche-
matic. Complementary NPN and PNP emitter followers
buffer the inputs and drive an internal resistor. The input
voltage appears across the resistor, generating current
that is mirrored into the high impedance node.
Complementary followers form an output stage that buff-
ers the gain node from the load. The input resistor, input
stage transconductance and the capacitor on the high
impedance node determine the bandwidth. The slew rate
is determined by the current available to charge the gain
node capacitance. This current is the differential input
voltage divided by R1, so the slew rate is proportional to
the input step. Highest slew rates are therefore seen in the
lowest gain configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com