Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS27DBB0285C Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # HLS27DBB0285C
Description  HLS27 Hazardous Location LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

HLS27DBB0285C Datasheet(HTML) 7 Page - Banner Engineering Corp.

  HLS27DBB0285C Datasheet HTML 1Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 2Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 3Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 4Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 5Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 6Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 7Page - Banner Engineering Corp. HLS27DBB0285C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
850 mm Models
180°
800
667
533
400
267
133
0
133
267
400
533
Center Beam (lux)
7550 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 118.4°
Horizontal Spread: 123.5°
0.56 m 0.62 m
1.11 m 1.24 m
1.68 m 1.86 m
Mount height of 1 meter (1 m)
2.24 m 2.49 m
3779 lux
2171 lux
1397 lux
2.79 m 3.10 m
980 lux
3.35 m 3.72 m
713 lux
Beam Width (m)
667
800
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
700 lux
575 lux
450 lux
325 lux
200 lux
75 lux
50 lux
25 lux
990 mm Models
180°
930
775
620
465
310
155
0
155
310
465
620
Center Beam (lux)
7761 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 118.4°
Horizontal Spread: 123.5°
0.56 m 0.62 m
1.11 m 1.24 m
1.68 m 1.86 m
Mount height of 1 meter (1 m)
2.24 m 2.49 m
3985 lux
2351 lux
1544 lux
2.79 m 3.10 m
1094 lux
3.35 m 3.72 m
804 lux
Beam Width (m)
775
930
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
775 lux
625 lux
475 lux
325 lux
175 lux
100 lux
50 lux
25 lux
1130 mm Models
180°
1100
917
733
550
367
183
0
183
367
550
733
Center Beam (lux)
7889 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 118.4°
Horizontal Spread: 123.5°
0.56 m 0.62 m
1.11 m 1.24 m
1.68 m 1.86 m
Mount height of 1 meter (1 m)
2.24 m 2.49 m
4127 lux
2498 lux
1686 lux
2.79 m 3.10 m
1213 lux
3.35 m 3.72 m
893 lux
Beam Width (m)
917
1100
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
850 lux
700 lux
550 lux
400 lux
250 lux
100 lux
50 lux
25 lux
HLS27 Hazardous Location LED Strip Light
P/N 197949 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com