Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..285XPB Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS28-2..285XPB
Description  WLS28-2 Dual Color LED Strip Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..285XPB Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS28-2..285XPB Datasheet HTML 1Page - Banner Engineering Corp. WLS28-2..285XPB Datasheet HTML 2Page - Banner Engineering Corp. WLS28-2..285XPB Datasheet HTML 3Page - Banner Engineering Corp. WLS28-2..285XPB Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..285XPB Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Banner's LED Strip Lights have sturdy aluminum housings, shatterproof windows, and impressive
environmental ratings, making them an ideal general-purpose LED light for machine, enclosure, or
other industrial lighting applications. Having two colors in one device make these ideal for mobile
vehicle, machine status, and vision lighting applications.
•
Low-profile, space-saving design
•
Rugged, water-resistant IP69K option
•
Available in eight lengths from 145 mm to 1130 mm
•
Lensed models or choice of clear or diffuse window
•
Daisy chain power to multiple lights
•
Optional snap clips for easy installation and repositioning
•
Optional switch for color selection and control
•
Automatic temperature protection built into the unit. Above 50 °C, the light dims to manage
heat and protect lifetime
Note: When cascading lights, a model with a color selection switch can be
used to control the lights cascaded off the switched model.
Stand-Alone Light—cable
Stand-Alone Light or End Light in a Cascade—QD
First Light in a Cascade—cable
First or Middle of a Cascade—QD
WLS28-2 LED Strip Lights are available as either stand-alone models, or as cascade models that can be "daisy-chained" together
for a continuous length of lighting, with a minimum of wiring.
Stand-alone models have cable or male QD fitting at one end for power connection, no connections at opposite end. A stand-alone
model may be used as the last in the cascade series.
Cascade models have cable or male QD fitting at one end for power connection, female QD fitting at opposite end for connection
to other lights in the cascade. Cascade models with cable end can only be used as the first light in the cascade series. A double-
ended accessory cordset must be used between each pair of lights in a cascade.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde
www.bannerengineering.com toda la documentación técnica de los WLS28-2 Dual Color LED Strip Light,
disponibles en múltiples idiomas, para detalles del uso adecuado, aplicaciones, advertencias, y las
instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation
technique complète des WLS28-2 Dual Color LED Strip Light sur notre site www.bannerengineering.com pour
les détails sur leur utilisation correcte, les applications, les notes de sécurité et les instructions de montage.
Models
WLS28-2
X
W
285
D
X
Q
Connector
Construction
Window
Lighted
Length (mm)
Colors (C) / Density (D)
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Daylight white
B = Blue
G = Green
R = Red
Y = Yellow
145
285
430
570
710
850
990
1130
Blank = Clear plastic
D = Diffused plastic
L25 = 25° lensed window
S = Sealed *
X = Not sealed
* Sealed models not available with On/Off Switch
Blank = None
PB = Color 1 / Off / Color 2
Blank = 2 m integral cable
Q = 4-pin Euro-style QD
(mating cordset required)
C1
D1
R
C2
D2
Blank = 100%
2 = 50%
3 = 33%
—
Power
Switch
WLS28-2 Dual Color LED Strip Light
Original Document
181739 Rev. G
3 September 2019
181739


Similar Part No. - WLS28-2..285XPB

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS28-2..285XPB BANNER-WLS28-2..285XPB Datasheet
837Kb / 11P
WLS28-2 LED Strip Light
More results

Similar Description - WLS28-2..285XPB

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-FL-73 BETLUX-TLS-FL-73 Datasheet
77Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-FL-S40 BETLUX-TLS-FL-S40 Datasheet
132Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-R5-200 BETLUX-TLS-R5-200 Datasheet
122Kb / 2P
LED strip light, Mono color, 5mm LEDs
REV NO: V.2
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27_V01 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V05 Datasheet
674Kb / 8P
WLS27 Dual Color LED Strip Light
WLS28-2 BANNER-WLS28-2 Datasheet
837Kb / 11P
WLS28-2 LED Strip Light
WLS28-2 BANNER-WLS28-2_V01 Datasheet
802Kb / 12P
WLS28-2 LED Strip Light - PWM Dimmable
WLS28-2 BANNER-WLS28-2_V03 Datasheet
639Kb / 6P
WLS28-2 UV LED Strip Light
WLS28-2 BANNER-WLS28-2_V04 Datasheet
751Kb / 6P
EZ-STATUS짰 WLS28-2 Multicolor LED Strip Light
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com