Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1815CS5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1815CS5
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815CS5 Datasheet(HTML) 2 Page - Linear Technology

  LT1815CS5 Datasheet HTML 1Page - Linear Technology LT1815CS5 Datasheet HTML 2Page - Linear Technology LT1815CS5 Datasheet HTML 3Page - Linear Technology LT1815CS5 Datasheet HTML 4Page - Linear Technology LT1815CS5 Datasheet HTML 5Page - Linear Technology LT1815CS5 Datasheet HTML 6Page - Linear Technology LT1815CS5 Datasheet HTML 7Page - Linear Technology LT1815CS5 Datasheet HTML 8Page - Linear Technology LT1815CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1815
LT1816/LT1817
181567fa
Total Supply Voltage (V + to V –) .......................... 12.6V
Differential Input Voltage
(Transient Only, Note 2) .....................................
±6V
Input Voltage ..........................................................
±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
ABSOLUTE
AXI U
RATI GS (Note 1)
Specified Temperature Range (Note 8) ... – 40
°C to 85°C
Maximum Junction Temperature ......................... 150
°C
(DD Package) ................................................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
(DD Package) ................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1815CS5
LT1815IS5
TJMAX = 150°C, θJA = 150°C/W (NOTE 9)
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
+
–
S5 PART
MARKING
LTUP
LTVC
ORDER PART
NUMBER
LT1815CS6
LT1815IS6
S6 PART
MARKING
LTUL
LTVD
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grades are identified by a label on the shipping container.
ORDER PART
NUMBER
LT1815CS8
LT1815IS8
S8 PART
MARKING
1815
1815I
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
+IN 3
5 V+
4 –IN
+
–
TJMAX = 150°C, θJA = 250°C/W (NOTE 9)
TJMAX = 150°C, θJA = 230°C/W (NOTE 9)
OUT 1
V– 2
+IN 3
6 V+
5 ISET
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
+
–
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 150°C, θJA = 150°C/W (NOTE 9)
ORDER PART
NUMBER
LT1816CMS8
LT1816IMS8
MS8 PART
MARKING
LTWA
LTNQ
ORDER PART
NUMBER
LT1816ACMS
LT1816AIMS
MS10 PART
MARKING
LTYA
LTXX
ORDER PART
NUMBER
LT1816CS8
LT1816IS8
S8 PART
MARKING
1816
1816I
1
2
3
4
5
OUT A
–IN A
+IN A
V–
V–
10
9
8
7
6
V+
OUT B
–IN B
+IN B
ISET
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 250°C/W (NOTE 9)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 250°C/W (NOTE 9)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
+
–
+
–
+
–
+
–
A
B
D
C
TJMAX = 150°C, θJA = 135°C/W
1
2
3
4
5
6
7
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
+
–
+
+
+
–
–
–
AD
BC
TJMAX = 150°C, θJA = 100°C/W
ORDER PART
NUMBER
LT1817CGN
LT1817IGN
GN PART
MARKING
1817
1817I
ORDER PART
NUMBER
LT1817CS
LT1817IS
ORDER PART
NUMBER
DD PART
MARKING*
LT1816CDD
LT1816IDD
LAAR
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
UNDERSIDE METAL
INTERNALLY CONNECTED TO V–
A
B
TJMAX = 125°C, θJA = 160°C/W (NOTE 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com