Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..570XPB Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS28-2..570XPB
Description  WLS28-2 Dual Color LED Strip Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..570XPB Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS28-2..570XPB Datasheet HTML 1Page - Banner Engineering Corp. WLS28-2..570XPB Datasheet HTML 2Page - Banner Engineering Corp. WLS28-2..570XPB Datasheet HTML 3Page - Banner Engineering Corp. WLS28-2..570XPB Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..570XPB Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Density (D) is defined by the quantity of LEDs populated on the circuit. For example, at 100% density, there are 18 LEDs per 285
mm, and at 50% density, there are 9 LEDs per 285 mm. The lumen output decreases proportionally with density.
Sample Model Number
Description
WLS28-2XWR-570XQ
Non Cascade, White (100% Density), Red (100% Density), 570 mm, Unsealed, 4-pin M12/Euro-style quick disconnect connector
WLS28-2XWR-285SQ
Non Cascade, White (100% Density), Red (100% Density), 285 mm, Sealed, 4-pin M12/Euro-style quick disconnect connector
WLS28-2CWR-850XQ
Cascadable, White (100% Density), Red (100% Density), 850 mm, Unsealed, 4-pin M12/Euro-style quick disconnect connector
WLS28-2XWR2-1130X
Non Cascade, White (100% Density), Red (50% Density),1130 mm, Unsealed, 2 m integral cable with flying leads
WLS28-2XWR2-285XPBQ
Non-Cascade, White (100% Density), Red (50% Density), 285 mm, Unsealed, Color 1 /OFF / Color 2 rocker switch, 4-pin M12/
Euro-style quick disconnect connector
Wiring Diagrams
Male
Female
Pin
Wire Color
Connection
1
4
3
2
2
3
4
1
1
brown
Color 1: 12 to 30 V dc
3
blue
dc common
4
black
Color 2: 12 to 30 V dc (color 2 overrides color 1)
2
white
Not used
Specifications
Operating Voltage
12 V dc to 30 V dc
Use only with a suitable Class 2 power supply (UL) or SELV power supply
(CE)
See electrical characteristics on product label
Light Length
(mm)
Typical Current (A)
Max.
Current (A)
12 V dc
24 V dc
30 V dc
145
0.33
0.15
0.12
0.4
285
0.66
0.30
0.24
0.8
430
1.01
0.46
0.36
1.2
570
1.36
0.61
0.48
1.6
710
1.75
0.77
0.60
2.0
850
2.13
0.92
0.73
2.4
990
2.59
1.08
0.85
2.8
1130
3.04
1.24
0.97
3.2
Light Characteristics - Daylight White
Color Temperature (CCT): 4700–5300K
Lumen output: 475 (± 5%) per 285 mm, typical at 25 °C (77 °F)
CRI: 83, typical
Light Characteristics - Other Colors
Color
Typical Wavelength or Color
Temperature
Typical Intensity (per 285 mm) 1
Red
625 nm
200
Yellow
590 nm
150
Green
525 nm
300
Blue
470 nm
110
Note: Do not spray cable with high-
pressure sprayer, or cable damage will
result.
Push Button
II = Color 2
I = Color 1
0 = Off
Connections
Integral 4-pin M12/Euro-style male quick disconnect (4-pin connecting
cordset required); or 2 m (6.5 ft) integral PVC cable
Mounting
(2) swivel brackets SMBWLS28RA included and (4) screws
Construction
Clear anodized aluminum housing; painted zinc end caps; polycarbonate
window on clear and diffuse plastic models; acrylic window on L25 models;
zinc plated steel brackets
Environmental Rating
IEC IP50 (non-sealed models) or IEC IP65, IEC IP67, IP69K per DIN 40050-9
(sealed models)
Vibration and Mechanical Shock
Vibration 10-55 Hz 1.0 mm p-p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
Operating Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Light output begins to decrease above 50 °C (122 °F) and will be
approximately 65% of max intensity at 60 °C (140 °F) and 30% of max
intensity at 70 °C (158 °F)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Certifications
D
Sealed models only
Application Notes
When connecting cascadable lights in series it is important not to exceed
maximum current limitations:
Maximum length of light at 12 V dc: 1.4 m (4.6 ft)
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Maximum length of light at 30 V dc: 3.1 m (10.2 ft)
1 Lumen values are reduced by 25% on diffused window models.
WLS28-2 Dual Color LED Strip Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 181739 Rev. G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com