Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..710XPB Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLS28-2..710XPB
Description  WLS28-2 Dual Color LED Strip Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..710XPB Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLS28-2..710XPB Datasheet HTML 1Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 2Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 3Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions
36.9
[1.45]
21.0
[.83]
13.5
[.53]
20.8
[.82]
Motion Detector
Models
ON/OFF Switch
Models
L25 Models
20.8
[.82]
14
[.55]
32.2
[1.27]
28
[1.10]
21
[.83]
13.5
[.53]
28
[1.10]
7.5
[.30]
4 X M3 X .50 ISO
ø 14.7
[.58]
8
[.31]
9.5
[.37]
19
[.75]
30
[1.18]
ø 5
[.20]
31.5
[1.24]
10.5
[.41]
30
[1.18]
Dimensions are shown with the included SMBWLS28RA bracket.
Non-Switch Models
IP50 Models
IP67/IP69K Models
L1
L2
L3
L4
WLS28-2..145X
WLS28-2..145S
221 mm (8.7 in)
205 mm (8.1 in)
145 mm (5.71 in)
175 mm (6.9 in)
WLS28-2..285X
WLS28-2..285S
362 mm (14.3 in)
346 mm (13.6 in)
286 mm (11.26 in)
316 mm (12.4 in)
WLS28-2..430X
WLS28-2..430S
503 mm (19.8 in)
487 mm (19.2 in)
427 mm (16.81 in)
457 mm (18.0 in)
WLS28-2..570X
WLS28-2..570S
644 mm (25.4 in)
628 mm (24.7 in)
568 mm (22.36 in)
598 mm (23.5 in)
WLS28-2..710X
WLS28-2..710S
785 mm (30.9 in)
769 mm (30.3 in)
709 mm (27.91 in)
739 mm (29.1 in)
WLS28-2..850X
WLS28-2..850S
926 mm (36.5 in)
910 mm (35.8 in)
850 mm (33.46 in)
880 mm (34.6 in)
WLS28-2..990X
WLS28-2..990S
1067 mm (42 in)
1051 mm (41.4 in)
991 mm (39.02 in)
1021 mm (40.2 in)
WLS28-2..1130X
WLS28-2..1130S
1208 mm (47.6 in)
1192 mm (46.9 in)
1132 mm (44.57 in)
1162 mm (45.7 in)
ON/OFF Switch Models
Model
L1
L2
L3
L4
WLS28-2..145XPB
251 mm (9.9 in)
235 mm (9.3 in)
145 mm (5.71 in)
205 mm (8.1 in)
WLS28-2..285XPB
392 mm (15.4 in)
376 mm (14.8 in)
286 mm (11.26 in)
346 mm (13.6 in)
WLS28-2..430XPB
533 mm (21.0 in)
517 mm (20.4 in)
427 mm (16.81 in)
487 mm (19.2 in)
WLS28-2..570XPB
674 mm (26.5 in)
658 mm (25.9 in)
568 mm (22.36 in)
628 mm (24.7 in)
WLS28-2..710XPB
815 mm (32.1 in)
799 mm (31.5 in)
709 mm (27.91 in)
769 mm (30.3 in)
WLS28-2..850XPB
956 mm (37.6 in)
940 mm (37 in)
850 mm (33.46 in)
910 mm (35.8 in)
WLS28-2..990XPB
1097 mm (43.2 in)
1081 mm (42.6 in)
991 mm (39.02 in)
1051 mm (41.4 in)
WLS28-2..1130XPB
1238 mm (48.7 in)
1222 mm (48.1 in)
1132 mm (44.57 in)
1192 mm (46.9 in)
Accessories
Cordsets
Use single-ended cordsets between the power source and the QD connection of a stand-alone light or the first light in a cascade.
Use double-ended cordsets between lights in a cascade.
WLS28-2 Dual Color LED Strip Light
P/N 181739 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com