Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27..285.. Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS27..285..
Description  WLS27 LED Strip Light - PWM Dimmable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27..285.. Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS27..285.. Datasheet HTML 1Page - Banner Engineering Corp. WLS27..285.. Datasheet HTML 2Page - Banner Engineering Corp. WLS27..285.. Datasheet HTML 3Page - Banner Engineering Corp. WLS27..285.. Datasheet HTML 4Page - Banner Engineering Corp. WLS27..285.. Datasheet HTML 5Page - Banner Engineering Corp. WLS27..285.. Datasheet HTML 6Page - Banner Engineering Corp. WLS27..285.. Datasheet HTML 7Page - Banner Engineering Corp. WLS27..285.. Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications
Operating Voltage
12 V dc to 30 V dc
Use only with a suitable Class 2 power supply (UL) or SELV power supply (CE)
See electrical characteristics on product label.
Pulse Width Modulation (PWM)
Frequency: Up to 1000 Hz
Voltage: 8 to 30 V dc
Current: 4 mA max. per foot
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Light Characteristics
Cool White
Color Temperature (CCT): 6500K (+500K, -400K)
Lumen output: 800 (± 5%) per foot, typical at 25 °C (77 °F)
Luminous efficacy: 90 lumens/Watt typical at 24 V dc at at 25 °C (77 °F)
CRI: 85, typical
Warm white: 3000K (+200K, -100K)
Green: 525 nm
Red: 618 nm
Yellow: 590 nm
Blue: 460 nm
LED Lifetime
Lumen Maintenance - L70
When operating within specifications, output will decrease less than 30% after
75,000 hours.
Construction
Clear anodized aluminum housing; FDA -grade copolyester outer housing
Mounting
Bracket LMBWLS27EC included (2 for lights up to 570 mm or 3 for lights 710
mm and longer)
Connections
Integral 4-pin M12/Euro-style quick disconnect (4-pin connecting cordset required)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Operating Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Light output begins to decrease above 50 °C (122 °F) and will be approximately 65% of max
intensity at 60 °C (140 °F) and 30% of max intensity at 70 °C (158 °F)
Application Note
When connecting cascadable lights in series it is important not to exceed maximum current
limitations:
Maximum length of light at 12 V dc: 1.4 m (4.6 ft)
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Maximum length of light at 30 V dc: 3.1 m (10.2 ft)
At 50% intensity, double the lengths
Note: Do not spray cable with high-pressure sprayer,
or cable damage will result.
Environmental Rating
Rated IEC IP66, IEC IP67, and IP69K per DIN 40050-9
Vibration and Mechanical Shock
Vibration 10-55 Hz 1.0 mm p-p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
Certifications
D
Light Length
Typical Current
Max. Current
Lumens (Typical @25 °C)
12 V dc
24 V dc
30 V dc
A
Cool White
Warm White
Green
Red
Yellow
Blue
145 mm
0.33 A
0.15 A
0.12 A
0.4
400
400
180
55
50
40
285 mm
0.66 A
0.30 A
0.24 A
0.8
800
800
360
110
100
80
430 mm
1.01 A
0.46 A
0.36 A
1.2
1200
1200
540
165
150
120
570 mm
1.36 A
0.61 A
0.48 A
1.6
1600
1600
720
220
200
160
710 mm
1.75 A
0.77 A
0.60 A
2.0
2000
2000
900
275
250
200
850 mm
2.13 A
0.92 A
0.73 A
2.4
2400
2400
1080
330
300
240
990 mm
2.59 A
1.08 A
0.85 A
2.8
2800
2800
1260
385
350
280
1130 mm
3.04 A
1.24 A
0.97 A
3.2
3200
3200
1440
440
400
320
Dimensions
16.8
[.66]
17.6
[.69]
27.0
[1.06]
17.6
[.69]
16.8
[.66]
M12 X 1
L1
L2
L3
Figure 1. Quick Disconnect Models
27.0
[1.06]
16.8
[.66]
17.6
[.69]
16.8
[.66]
17.6
[.69]
M12 X 1
M12 X 1
L4
Figure 2. Cascade Models
Models
L1
L2
L3
L4
WLS27..145..
145 mm (5.7 in)
189 mm (7.4 in)
208.5 mm (8.2 in)
217 mm (8.5 in)
WLS27..285..
286 mm (11.3 in)
330 (13 in)
349.5 mm (13.8 in)
358 mm (14.1 in)
WLS27..430..
427 mm (16.8 in)
471 mm (18.5 in)
490.5 mm (13.3 in)
499 mm (19.6 in)
WLS27..570..
569 mm (22.4 in)
612 mm (24.1 in)
631.5 mm (24.9 in)
640 mm (25.2 in)
WLS27..710..
708 mm (27.9 in)
752 mm (29.6 in)
771.5 mm (30.4 in)
780 mm (30.7 in)
WLS27..850..
849 mm (33.4 in)
893 mm (35.2 in)
912.5 mm (35.9 in)
921 mm (36.2 in)
WLS27 LED Strip Light - PWM Dimmable
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 186597 Rev. G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com