Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27..570.. Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS27..570..
Description  WLS27 LED Strip Light - PWM Dimmable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27..570.. Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS27..570.. Datasheet HTML 1Page - Banner Engineering Corp. WLS27..570.. Datasheet HTML 2Page - Banner Engineering Corp. WLS27..570.. Datasheet HTML 3Page - Banner Engineering Corp. WLS27..570.. Datasheet HTML 4Page - Banner Engineering Corp. WLS27..570.. Datasheet HTML 5Page - Banner Engineering Corp. WLS27..570.. Datasheet HTML 6Page - Banner Engineering Corp. WLS27..570.. Datasheet HTML 7Page - Banner Engineering Corp. WLS27..570.. Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Instruction Manual
Banner's WLS27 LED Strip Light has a sturdy aluminum housing and is encased in a shatterproof, UV-stabilized, copolyester shell, making it ideal
for harsh indoor and outdoor applications.
•
Intensity can be controlled from 0 to 100% using Pulse Width Modulation (PWM) on an input control wire
•
Rugged, water-resistant IP69K rating
•
Available in eight lengths from 145 mm to 1130 mm
•
Daisy chain power to multiple lights to control intensity simultaneously
•
Automatic temperature protection built into the unit. Above 50 °C, th light dims to manage heat and protect product lifetime
For PWM dimming, use with the LC65 Dimmer Module. For more information, refer to the LC65 LED Dimmer Module
datasheet, p/n
177086.
Stand-Alone Light or End Light in a Cascade—QD
First or Middle of a Cascade—QD
These Work Light Strips are available as either stand-alone models, or as cascade models that can be daisy-chained together for a continuous
length of lighting, with a minimum of wiring.
Stand-alone models have a male quick disconnect at one end for power connection and no connections at opposite end. A stand-alone model may
be used as the last in the cascade series.
Cascade models have a male quick disconnect at one end for power connection, and a female quick disconnect at the opposite end for connecting
to other lights in the cascade. A double-ended accessory cordset must be used between each pair of lights in a cascade.
Use single-ended cordsets between the power source and the QD connection of a stand-alone light or the first light in a cascade. Use double-ended
cordsets between lights in a cascade.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde www.bannerengineering.com
toda la documentación técnica de los WLS27 LED Strip Light, disponibles en múltiples idiomas, para detalles del uso
adecuado, aplicaciones, advertencias, y las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation technique
complète des WLS27 LED Strip Light sur notre site www.bannerengineering.com pour les détails sur leur utilisation correcte,
les applications, les notes de sécurité et les instructions de montage.
Models
WLS27
C
W
145
D
Q
Connector
Window
Lighted
Length (mm)
LED Color
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Cool white
WW = Warm white
R = Red
G = Green
B = Blue
Y = Yellow
145
285
430
570
710
850
990
1130
D = Diffused plastic
PWM = Pulse Width Modulation Dimming
Q = Integral 4-pin M12 QD
(mating cordset required)
PWM
S = Sealed
S
Construction
Stand-Alone
Cascade
Lighted Length
Power Connector
WLS27XW145DSPWMQ
WLS27CW145DSPWMQ
145 mm
Integral 4-pin M12/Euro-style quick
disconnect
WLS27XW285DSPWMQ
WLS27CW285DSPWMQ
285 mm
WLS27XW430DSPWMQ
WLS27CW430DSPWMQ
430 mm
WLS27XW570DSPWMQ
WLS27CW570DSPWMQ
570 mm
WLS27XW710DSPWMQ
WLS27CW710DSPWMQ
710 mm
WLS27XW850DSPWMQ
WLS27CW850DSPWMQ
850 mm
WLS27XW990DSPWMQ
WLS27CW990DSPWMQ
990 mm
WLS27XW1130DSPWMQ
WLS27CW1130DSPWMQ
1130 mm
WLS27 LED Strip Light - PWM Dimmable
Original Document
186597 Rev. G
27 August 2019
186597


Similar Part No. - WLS27..570..

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27 Datasheet
567Kb / 8P
WLS27 LED Strip Light
More results

Similar Description - WLS27..570..

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WL50-2 BANNER-WL50-2 Datasheet
411Kb / 4P
WL50-2 LED Work Light - PWM Dimmable
WLC60 BANNER-WLC60_V02 Datasheet
1Mb / 8P
WLC60 Heavy Duty LED Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V01 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V02 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27_V03 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27_V04 Datasheet
173Kb / 2P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V05 Datasheet
674Kb / 8P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V06 Datasheet
567Kb / 8P
WLS27 LED Strip Light
WLS28-2 BANNER-WLS28-2_V01 Datasheet
802Kb / 12P
WLS28-2 LED Strip Light - PWM Dimmable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com