Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1212708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212708
Description  Tool - CF CRIMPHANDY 1,5/SERVICE-TOOL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212708 Datasheet HTML 1Page - PHOENIX CONTACT 1212708 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1212708
08/26/2019   Page 1 / 2
Tool - CF CRIMPHANDY 1,5/SERVICE-TOOL - 1212708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Service tool, for CF-CRIMPHANDY 1,5, for rectifying malfunctions
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356895484
Technical data
General
Compression
Square crimp
Max. cross section
1.5 mm²
Approvals
Approvals
Approvals
EAC
Ex Approvals
Approval details
EAC 
 
 RU C-
DE.AI30.B.01549


Similar Part No. - 1212708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212700 PHOENIX-1212700 Datasheet
54Kb / 3P
Philips screwdriver - SF-PZSL 2-100 S-VDE
1212701 PHOENIX-1212701 Datasheet
66Kb / 3P
Tool set - SF-SL/PH/PZ-SL SET S-VDE
1212704 PHOENIX-1212704 Datasheet
46Kb / 2P
Flexible, adjustable limit stop for the stripping length
1212705 PHOENIX-1212705 Datasheet
53Kb / 2P
The stripping pliers feature an automatic adjustment mechanism for a wide range of different types of insulation and conductor diameters.
1212706 PHOENIX-1212706 Datasheet
45Kb / 2P
WIREFOX ... stripping pliers feature an automatic adjustment mechanism for a wide range of different types of insulation and conductor diameters
More results

Similar Description - 1212708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200098 PHOENIX-1200098 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET PU
1200099 PHOENIX-1200099 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET STEEL
1207271 PHOENIX-1207271 Datasheet
40Kb / 2P
Cable-cutting tool - CF-10 WHEEL SET
1208209 PHOENIX-1208209 Datasheet
58Kb / 3P
Tool - CF 1000-1,5 120V
1212456 PHOENIX-1212456 Datasheet
45Kb / 2P
Electrical crimping tool - CF 1000-10
1212503 PHOENIX-1212503 Datasheet
77Kb / 6P
Tool bag - TOOL-CARRIER
1212504 PHOENIX-1212504 Datasheet
75Kb / 6P
Tool bag - TOOL-BAG
3202957 PHOENIX-3202957 Datasheet
39Kb / 2P
Spare knife - CF 3000 TOOL CASE AB
logo
Beckhoff Automation Gmb...
BST BECKHOFF-BST Datasheet
110Kb / 2P
Beckhoff Service Tool
logo
PHOENIX CONTACT
1212518 PHOENIX-1212518 Datasheet
54Kb / 3P
Battery - CF CRIMPHANDY/ACCU
12/24/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com