Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..430XPWM Datasheet(PDF) 11 Page - Banner Engineering Corp.

Part # WLS28-2..430XPWM
Description  WLS28-2 LED Strip Light - PWM Dimmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..430XPWM Datasheet(HTML) 11 Page - Banner Engineering Corp.

Back Button WLS28-2..430XPWM Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 5Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 6Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 7Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 8Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 9Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 10Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 11Page - Banner Engineering Corp. WLS28-2..430XPWM Datasheet HTML 12Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4-Pin Threaded M12/Euro-Style Splitter Cordsets—Flat Junction
Model
Branches (Female)
Trunk (Male)
Pinout
CSB-M1240M1240
No branch
No trunk
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
CSB-M1240M1241
2 x 0.30 m (1 ft)
No trunk
CSB-M1241M1241
0.30 m (1 ft)
CSB-M1248M1241
2.50 m (8 ft)
CSB-M12415M1241
4.57 m (15 ft)
CSB-M12425M1241
7.60 m (25 ft)
CSB-UNT425M1241
7.60 m (25 ft) Unterminated
44 Typ.
[1.73"]
43.0
[1.69"]
Ø14.5 [0.57"]
M12 x 1
Ø14.5 [0.57"]
40 Typ.
[1.58"]
18.0
[0.71"]
Ø4.5
[0.18"]
35 [1.38"]
M12 x 1
Brackets
SMBWLS28RA
The bracket kit is available as a
replacement for the one that
comes with the Work Light Strip.
The kit contains two end brackets
and four screws.
SMBWLS28SM
This kit allows the light to be
mounted at a right angle to the
mounting surface. The kit contains
two end brackets and four screws.
SMBWLS28SP
•
Stainless steel snap
bracket kit
•
Includes two brackets
SMH1316
This kit allows the light to be
mounted to a 13/16-inch Unistrut
channel. The kit includes:
•
#10-32 spring nuts (qty 2)
•
#10-32 socket head cap
screws (qty 2)
•
#10 lock washers (qty 2)
WLS28-2 LED Strip Light - PWM Dimmable
P/N 179493 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com