Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBWLC60RAS Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LMBWLC60RAS
Description  WLC60 Heavy Duty LED Light - PWM Dimmable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LMBWLC60RAS Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LMBWLC60RAS Datasheet HTML 1Page - Banner Engineering Corp. LMBWLC60RAS Datasheet HTML 2Page - Banner Engineering Corp. LMBWLC60RAS Datasheet HTML 3Page - Banner Engineering Corp. LMBWLC60RAS Datasheet HTML 4Page - Banner Engineering Corp. LMBWLC60RAS Datasheet HTML 5Page - Banner Engineering Corp. LMBWLC60RAS Datasheet HTML 6Page - Banner Engineering Corp. LMBWLC60RAS Datasheet HTML 7Page - Banner Engineering Corp. LMBWLC60RAS Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Supply Current
Length
(mm)
Max. Current Draw
Typical Current Draw
340
1.40A at 12 V dc
1.30A at 12 V dc
0.70A at 24 V dc
0.59A at 24 V dc
0.56A at 30 V dc
0.47A at 30 V dc
640
3.10A at 12 V dc
2.80A at 12 V dc
1.53A at 24 V dc
1.17A at 24 V dc
1.22A at 30 V dc
0.97A at 30 V dc
Connections
Integral 4-pin M12/Euro-style male quick disconnect or 2 m (6.5 ft) integral
cable
Mating cordset required for quick disconnect models
Test Data
LM-79, LM-80, TM-21
Application Notes
When connecting cascadable lights in series, it is important not to exceed
the maximum current limitation of 4 Amps.
Input Voltage
Max. Number of Units
340 mm Models
640 mm Models
12 V dc
2
1
24 V dc
5
2
30 V dc
7
3
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Operating Temperature
–40 °C to +50 °C (–40 °F to +122 °F) at the maximum intensity setting
–40 °C to +70 °C (–40 °F to +158 °F), at PWM dim settings with a 1 to 70%
duty cycle
Environmental Rating
IEC IP67, JIS C IP68G, IP69K per DIN 40050-9
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC
60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC 60068-2-27
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Performance Curves
180°
1500
1250
1000
750
500
250
0
250
500
750
1000
Center Beam (lux)
5,759 lux
0.5 m
1.0 m
1.5 m
2.0 m
Vertical Spread: 50.3°
Horizontal Spread: 45.5°
0.5 m
0.5 m
1.0 m
1.0 m
1.5 m
1.5 m
1300 lux
1100 lux
900 lux
700 lux
500 lux
300 lux
Mount height of 1 meter (1 m)
200 lux
100 lux
1.9 m
2.0 m
1,554 lux
714 lux
407 lux
Beam Width (m)
1250
1500
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
50% max. lux
Vert.
Horiz.
0 m
0 m
0.5 m
0.5 m
0.5 m
0.5 m
Vertical Angle:
0° Vertical
90° Horizontal
Figure 1. 340 mm Models
WLC60 Heavy Duty LED Light - PWM Dimmable
P/N 179496 Rev. E
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com