Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..710XPWM Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLS28-2..710XPWM
Description  WLS28-2 LED Strip Light - PWM Dimmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..710XPWM Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLS28-2..710XPWM Datasheet HTML 1Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 2Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 3Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 5Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 6Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 7Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 8Page - Banner Engineering Corp. WLS28-2..710XPWM Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dimensions
36.9
[1.45]
21.0
[.83]
13.5
[.53]
20.8
[.82]
Motion Detector
Models
ON/OFF Switch
Models
L25 Models
20.8
[.82]
14
[.55]
32.2
[1.27]
28
[1.10]
21
[.83]
13.5
[.53]
28
[1.10]
7.5
[.30]
4 X M3 X .50 ISO
ø 14.7
[.58]
8
[.31]
9.5
[.37]
19
[.75]
30
[1.18]
ø 5
[.20]
31.5
[1.24]
10.5
[.41]
30
[1.18]
Dimensions are shown with the included SMBWLS28RA bracket.
IP50 Models
IP67/IP69K Models
L1
L2
L3
L4
WLS28-2..145XPWM
WLS28-2..145SPWM
221 mm (8.7 in)
205 mm (8.1 in)
145 mm (5.71 in)
175 mm (6.9 in)
WLS28-2..285XPWM
WLS28-2..285SPWM
362 mm (14.3 in)
346 mm (13.6 in)
286 mm (11.26 in)
316 mm (12.4 in)
WLS28-2..430XPWM
WLS28-2..430SPWM
503 mm (19.8 in)
487 mm (19.2 in)
427 mm (16.81 in)
457 mm (18.0 in)
WLS28-2..570XPWM
WLS28-2..570SPWM
644 mm (25.4 in)
628 mm (24.7 in)
568 mm (22.36 in)
598 mm (23.5 in)
WLS28-2..710XPWM
WLS28-2..710SPWM
785 mm (30.9 in)
769 mm (30.3 in)
709 mm (27.91 in)
739 mm (29.1 in)
WLS28-2..850XPWM
WLS28-2..850SPWM
926 mm (36.5 in)
910 mm (35.8 in)
850 mm (33.46 in)
880 mm (34.6 in)
WLS28-2..990XPWM
WLS28-2..990SPWM
1067 mm (42 in)
1051 mm (41.4 in)
991 mm (39.02 in)
1021 mm (40.2 in)
WLS28-2..1130XPWM
WLS28-2..1130SPWM
1208 mm (47.6 in)
1192 mm (46.9 in)
1132 mm (44.57 in)
1162 mm (45.7 in)
Performance
Optical data shown below are for cool white models with a clear window only. To get lux and cendela values for models with a
diffuse window and/or other colors, multiply the values shown on the charts by the following factors:
Diffuse Window
Warm White
Green
Red
Yellow
Blue
0.75
1.000
0.450
0.138
0.125
0.100
145 mm Models
180°
180
150
120
90
60
30
0
30
60
90
120
Mount height of 1 meter (1 m)
150
180
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Center Beam (lux)
4343 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 105.4°
Horizontal Spread: 103.7°
0.44 m 0.43 m
0.87 m 0.83 m
1.31 m 1.27 m
1.75 m 1.70 m
1366 lux
623 lux
359 lux
2.19 m 2.12 m
235 lux
2.63 m 2.55 m
164 lux
Beam Width (m)
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
105 lux
80 lux
55 lux
40 lux
25 lux
20 lux
15 lux
5 lux
Figure 1. Clear Window
WLS28-2 LED Strip Light - PWM Dimmable
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 179493 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com