Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..710XPB Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS28-2..710XPB
Description  WLS28-2 LED Strip Light
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..710XPB Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS28-2..710XPB Datasheet HTML 1Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 2Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 3Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 5Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 6Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 7Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 8Page - Banner Engineering Corp. WLS28-2..710XPB Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Table 1: IP50 Models
Non-Switch Models
HIGH/OFF/LOW Switch Models
Motion Switch Models
Lighted
Length
Power Connector
Stand-Alone
Cascade
Stand-Alone
Cascade
Stand-Alone
Cascade
WLS28-2XW145X
WLS28-2CW145X
WLS28-2XW145XPB
WLS28-2CW145XPB
WLS28-2XW145XM
WLS28-2CW145XM
145 mm
2 m (6.5 ft) cable
WLS28-2XW285X
WLS28-2CW285X
WLS28-2XW285XPB
WLS28-2CW285XPB
WLS28-2XW285XM
WLS28-2CW285XM
285 mm
WLS28-2XW430X
WLS28-2CW430X
WLS28-2XW430XPB
WLS28-2CW430XPB
WLS28-2XW430XM
WLS28-2CW430XM
430 mm
WLS28-2XW570X
WLS28-2CW570X
WLS28-2XW570XPB
WLS28-2CW570XPB
WLS28-2XW570XM
WLS28-2CW570XM
570 mm
WLS28-2XW710X
WLS28-2CW710X
WLS28-2XW710XPB
WLS28-2CW710XPB
WLS28-2XW710XM
WLS28-2CW710XM
710 mm
WLS28-2XW850X
WLS28-2CW850X
WLS28-2XW850XPB
WLS28-2CW850XPB
WLS28-2XW850XM
WLS28-2CW850XM
850 mm
WLS28-2XW990X
WLS28-2CW990X
WLS28-2XW990XPB
WLS28-2CW990XPB
WLS28-2XW990XM
WLS28-2CW990XM
990 mm
WLS28-2XW1130X
WLS28-2CW1130X
WLS28-2XW1130XPB
WLS28-2CW1130XPB
WLS28-2XW1130XM
WLS28-2CW1130XM
1130 mm
Integral 2 m (6.5 ft) unterminated cable models are listed. To order the 4-pin M12/Euro-style integral quick disconnect model, add the suffix "Q" to
the model number. For example, WLS28-2XW285XQ.
Table 2: IP67/IP69K Models
Model
Lighted Length
Connector
Stand-Alone
Cascade
WLS28-2XW145S
WLS28-2CW145S
145 mm
2 m (6.5 ft) cable
WLS28-2XW285S
WLS28-2CW285S
285 mm
WLS28-2XW430S
WLS28-2CW430S
430 mm
WLS28-2XW570S
WLS28-2CW570S
570 mm
WLS28-2XW710S
WLS28-2CW710S
710 mm
WLS28-2XW850S
WLS28-2CW850S
850 mm
WLS28-2XW990S
WLS28-2CW990S
990 mm
WLS28-2XW1130S
WLS28-2CW1130S
1130 mm
Integral 2 m (6.5 ft) unterminated cable models are listed. To order the 4-pin M12/Euro-style integral quick disconnect model, add the suffix "Q" to
the model number. For example, WLS28-2XW285SQ.
Wiring Diagram
Male
Female
Pin
Wire Color
Connection
1
4
3
2
2
3
4
1
1
Brown
12 V dc to 30 V dc
3
Blue
dc common
4
Black
Models without motion detection: Connect to 12 V dc to 30 V dc for 50%
maximum intensity. For maximum intensity, leave the black wire floating or
connected to common.
Models with motion detection: Connect to 12 V dc to 30 V dc to bypass the
motion detector switch
2
White
Not used
Specifications
Supply Voltage and Current
12 V dc to 30 V dc
Use only with suitable Class 2 power supply (UL) or a SELV power supply (CE).
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Light Characteristics
Cool white
Color Temperature (CCT): 6500K (+500K, -400K)
Lumen output: 800 (± 5%) per foot, typical at 25 °C (77 °F)
Luminous efficacy: 110 lumens/Watt typical at 24 V dc at 25 °C (77 °F)
CRI: 85, typical
Warm white: 3000K (+200K, -100K)
Green: 525 nm
Red: 618 nm
Yellow: 590 nm
Blue: 460 nm
Connections
Integral 4-pin M12/Euro-style quick disconnect (4-pin connecting cordset required); or
2 m (6.5 ft) integral PVC cable
Environmental Rating
IEC IP50 (non-sealed models) or IEC IP65, IEC IP67, IP69K per DIN 40050-9 (sealed
models)
Vibration and Mechanical Shock
Vibration 10-55 Hz 1.0 mm p-p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
Operating Temperature
Models without motion detection:–40 °C to +70 °C (–40 °F to +158 °F)
Models with motion detection: –20 °C to +60 °C (–4 °F to +140 °F)
Light output begins to decrease above 50 °C (122 °F) and will be approximately 65%
of max intensity at 60 °C (140 °F) and 30% of max intensity at 70 °C (158 °F)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
WLS28-2 LED Strip Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 175008 Rev. J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com